Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1374877 Datasheet (PDF) - PHOENIX CONTACT

1374877 Datasheet PDF - PHOENIX CONTACT
Part # 1374877
Download  1374877 Download
File Size   368.15 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FR 1,27/ 26-FV 9,05 - SMD female connectors

1374877 Datasheet (PDF)

Go To PDF Page Download Datasheet
1374877 Datasheet PDF - PHOENIX CONTACT

Part # 1374877
Download  1374877 Click to download

File Size   368.15 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FR 1,27/ 26-FV 9,05 - SMD female connectors

1374877 Datasheet (HTML) - PHOENIX CONTACT


1374877 Product details

SMD female connector, nominal current: 2.1 A, Test voltage: 840 V AC, number of positions: 26,
pitch: 1.27 mm, color: black, contact surface: Gold, contact connection type: Socket, mounting:
SMD soldering

Your advantages
• The first high-speed data transmission at up to 28 Gbps using the established market standard, opens up new design possibilities.
• Robust 6-pos. to 100-pos. board-to-board and wire-to-board connectors ensure greater flexibility with regard to component options.
• Time savings during the development process with customer-specific simulations for data integrity.
• Gold-plated contact points enable long-term stable signal transmission and currents of up to 2.3 A.
• Design-in support during device development using MCAD/ECAD data and a free sample service.




Similar Part No. - 1374877

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1374872 PHOENIX-1374872 Datasheet
371Kb / 9P
FR 1,27/ 6-FV 9,05 - SMD female connectors
1374873 PHOENIX-1374873 Datasheet
359Kb / 9P
FR 1,27/ 12-FV 9,05 - SMD female connectors
1374874 PHOENIX-1374874 Datasheet
370Kb / 9P
FR 1,27/ 16-FV 9,05 - SMD female connectors
1374875 PHOENIX-1374875 Datasheet
362Kb / 9P
FR 1,27/ 20-FV 9,05 - SMD female connectors
1374879 PHOENIX-1374879 Datasheet
364Kb / 9P
FR 1,27/ 32-FV 9,05 - SMD female connectors
More results


Similar Description - 1374877

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714884 PHOENIX-1714884 Datasheet
116Kb / 7P
SMD female connectors - FP 1,27/ 32-FV 9,05
1714888 PHOENIX-1714888 Datasheet
111Kb / 7P
SMD female connectors - FP 1,27/ 68-FV 9,05
1715000 PHOENIX-1715000 Datasheet
98Kb / 6P
SMD female connectors - FP 1,27/ 16-FV 9,05
1714882 PHOENIX-1714882 Datasheet
98Kb / 6P
SMD female connectors - FP 1,27/ 26-FV 9,05
1374872 PHOENIX-1374872 Datasheet
371Kb / 9P
FR 1,27/ 6-FV 9,05 - SMD female connectors
1374874 PHOENIX-1374874 Datasheet
370Kb / 9P
FR 1,27/ 16-FV 9,05 - SMD female connectors
1374879 PHOENIX-1374879 Datasheet
364Kb / 9P
FR 1,27/ 32-FV 9,05 - SMD female connectors
1374880 PHOENIX-1374880 Datasheet
361Kb / 9P
FR 1,27/ 40-FV 9,05 - SMD female connectors
1374881 PHOENIX-1374881 Datasheet
357Kb / 9P
FR 1,27/ 50-FV 9,05 - SMD female connectors
1374882 PHOENIX-1374882 Datasheet
353Kb / 9P
FR 1,27/ 68-FV 9,05 - SMD female connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com