Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1955688 Datasheet (PDF) - PHOENIX CONTACT

1955688 Datasheet PDF - PHOENIX CONTACT
Part # 1955688
Download  1955688 Download
File Size   1789.51 Kbytes
Page   25 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCV 2,5/ 7-GF-5,08 P26THR - PCB header

1955688 Datasheet (PDF)

Go To PDF Page Download Datasheet
1955688 Datasheet PDF - PHOENIX CONTACT

Part # 1955688
Download  1955688 Click to download

File Size   1789.51 Kbytes
Page   25 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCV 2,5/ 7-GF-5,08 P26THR - PCB header

1955688 Datasheet (HTML) - PHOENIX CONTACT


1955688 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 7, number
of rows: 1, number of positions: 7, number of connections: 7, product range: CCV 2,5/..-GF,
pitch: 5.08 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2.6 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange,
type of packaging: packed in cardboard, For user information and design recommendations for
through-hole reflow technology, go to: Downloads

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1955688

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1955680000 WEIDMULLER-1955680000 Datasheet
458Kb / 6P
BLZP 5.00HC/14/180F SN OR BX
More results


Similar Description - 1955688

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1955390 PHOENIX-1955390 Datasheet
132Kb / 5P
CCV 2,5/ 3-G-5,08 P26THR
1955400 PHOENIX-1955400 Datasheet
132Kb / 5P
CCV 2,5/ 4-G-5,08 P26THR
1955413 PHOENIX-1955413 Datasheet
132Kb / 5P
CCV 2,5/ 5-G-5,08 P26THR
1955633 PHOENIX-1955633 Datasheet
131Kb / 5P
CCV 2,5/ 2-GF-5,08 P26THR
1955662 PHOENIX-1955662 Datasheet
168Kb / 9P
Printed-circuit board connector - CCV 2,5/ 5-GF-5,08 P26THR
1955659 PHOENIX-1955659 Datasheet
88Kb / 5P
Base strip - CCV 2,5/ 4-GF-5,08 P26THR
1955646 PHOENIX-1955646 Datasheet
131Kb / 5P
CCV 2,5/ 3-GF-5,08 P26THR
1954757 PHOENIX-1954757 Datasheet
1Mb / 25P
CC 2,5/ 8-GF-5,08 P26THR - PCB header
1827773 PHOENIX-1827773 Datasheet
1Mb / 15P
CCV 2,5/14-GF-5,08-LR P26THR - PCB header
1955743 PHOENIX-1955743 Datasheet
1Mb / 25P
CCV 2,5/ 2-GF-5,08 P26THRR32 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com