Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9945BDY Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SI9945BDY Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SI9945BDY
Download  SI9945BDY Download
File Size   320.53 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description SI9945

SI9945BDY Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9945BDY Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SI9945BDY
Download  SI9945BDY Click to download

File Size   320.53 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description SI9945

SI9945BDY Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SI9945BDY Product details

FEATURES
VDS (V) = 60V
ID= 5.3A (VGS=10V)
RDS(ON) 36m (VGS = 10V)
RDS(ON) 47m (VGS = 4.5V)

APPLICATIONS
LCD TV CCFL inverter
Load switch




Similar Part No. - SI9945BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
Dual N-Channel 60-V (D-S) MOSFET
02-Mar-09
logo
Vishay Telefunken
SI9945BDY TFUNK-SI9945BDY Datasheet
273Kb / 10P
Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
220Kb / 9P
Dual N-Channel 60 V (D-S) MOSFET
02-Mar-09
logo
EVER SEMICONDUCTOR CO.,...
SI9945BDY EVVOSEMI-SI9945BDY Datasheet
315Kb / 8P
MOSFET
Rev:2023A2
logo
VBsemi Electronics Co.,...
SI9945BDY-T1-E3 VBSEMI-SI9945BDY-T1-E3 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com