Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP-096SXXXSV Datasheet (PDF) - Inventronics Inc.

EUP-096SXXXSV Datasheet PDF - Inventronics Inc.
Part # EUP-096SXXXSV
Download  EUP-096SXXXSV Download
File Size   1053.93 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 96W AOC IP67 Driver

EUP-096SXXXSV Datasheet (PDF)

Go To PDF Page Download Datasheet
EUP-096SXXXSV Datasheet PDF - Inventronics Inc.

Part # EUP-096SXXXSV
Download  EUP-096SXXXSV Click to download

File Size   1053.93 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 96W AOC IP67 Driver

EUP-096SXXXSV Datasheet (HTML) - Inventronics Inc.


EUP-096SXXXSV Product details

Features
High Efficiency (Up to 93%)
Full Power at Wide Output Current Range (Constant Power)
Adjustable Output Current (AOC) with Dip-switch
Non-dimming Control
Input Surge Protection: 6kV line-line, 10kV line-earth
All-Around Protection: OVP, SCP, OTP
Waterproof (IP67)
SELV Output
Suitable for Independent Use
5 Years Warranty

Description
The EUP-096SxxxSV series is a 96W, constant-current, AOC LED driver that operates from 90-305 Vac input
with excellent power factor. It is created for many lighting applications including street, tunnel and bay. The high
efficiency of these drivers and compact metal case enables them to run cooler, significantly improving reliability
and extending product life. To ensure trouble-free operation, protection is provided against input surge, output
over voltage, short circuit, and over temperature.




Similar Part No. - EUP-096SXXXSV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUP-320S150SV INVENTRONICS-EUP-320S150SV Datasheet
749Kb / 13P
320W AOC IP67 Driver
Rev. C
EUP-320S220SV INVENTRONICS-EUP-320S220SV Datasheet
749Kb / 13P
320W AOC IP67 Driver
Rev. C
EUP-320S320SV INVENTRONICS-EUP-320S320SV Datasheet
749Kb / 13P
320W AOC IP67 Driver
Rev. C
EUP-320S460SV INVENTRONICS-EUP-320S460SV Datasheet
749Kb / 13P
320W AOC IP67 Driver
Rev. C
EUP-320S670SV INVENTRONICS-EUP-320S670SV Datasheet
749Kb / 13P
320W AOC IP67 Driver
Rev. C
More results


Similar Description - EUP-096SXXXSV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUP-320SXXXSV INVENTRONICS-EUP-320SXXXSV Datasheet
749Kb / 13P
320W AOC IP67 Driver
Rev. C
EUD-096SXXXDTA INVENTRONICS-EUD-096SXXXDTA Datasheet
862Kb / 16P
96W Programmable IP67 Driver
Rev.D
EUD-096SXXXDVA INVENTRONICS-EUD-096SXXXDVA Datasheet
676Kb / 12P
96W Programmable IP67 Driver
Rev. C
EUG-096SXXXDT INVENTRONICS-EUG-096SXXXDT Datasheet
1Mb / 17P
96W Programmable IP67 Driver
Rev. G
EUG-096SXXXDV INVENTRONICS-EUG-096SXXXDV Datasheet
836Kb / 13P
96W Programmable IP67 Driver
Rev. F
EUK-096SXXXDT INVENTRONICS-EUK-096SXXXDT Datasheet
914Kb / 13P
96W Progr ammable IP67 Driver
Rev. D
EUR-096SXXXDT INVENTRONICS-EUR-096SXXXDT Datasheet
1Mb / 15P
96W AOC Driver for High Bay
Rev. E
EUR-096SXXXDV INVENTRONICS-EUR-096SXXXDV Datasheet
1Mb / 14P
96W AOC Driver for High Bay
Rev. D
EUV-096SXXXST INVENTRONICS-EUV-096SXXXST Datasheet
289Kb / 8P
96W Constant Voltage IP67 Driver
Rev. L
EUC-096SXXXDV INVENTRONICS-EUC-096SXXXDV Datasheet
993Kb / 9P
96W Constant Current IP67 Driver
Rev. O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com