Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF5.0A Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SMF5.0A Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SMF5.0A
Download  SMF5.0A Download
File Size   1072.37 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description For surface mounted applications

SMF5.0A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF5.0A Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SMF5.0A
Download  SMF5.0A Click to download

File Size   1072.37 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description For surface mounted applications

SMF5.0A Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SMF5.0A Product details

FEATURES
For surface mounted applications
Low-profile package
Optimized for LAN protection applications
Ideal for ESD protection of data lines in
accordance with IEC 61000-4-2 (IEC 801-2)
Ideal for EFT protection of data lines in
accordance with IEC 61000-4-4 (IEC 801-4)
ESD-protection acc. IEC 61000-4-2
± 30 kV contact discharge
± 30 kV air discharge
Low incremental surge resistance, excellent clamping
capability
200 W peak pulse power capability with a 10/1000 μs
waveform, repetition rate (duty cycle): 0.01 %
“Low-Noise” technology - very fast response time
High temperature soldering guaranteed: 260 °C/10 s at
terminals
e 3 -
S n
AEC-Q101 qualified




Similar Part No. - SMF5.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF5.0A VISHAY-SMF5.0A Datasheet
92Kb / 6P
Surface Mount ESD Protection Diodes
22-Sep-10
logo
ON Semiconductor
SMF5.0A ONSEMI-SMF5.0A Datasheet
69Kb / 6P
Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Pan Jit International I...
SMF5.0A PANJIT-SMF5.0A Datasheet
121Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMF5.0A MCC-SMF5.0A Datasheet
289Kb / 5P
200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
EIC discrete Semiconduc...
SMF5.0A EIC-SMF5.0A Datasheet
140Kb / 3P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
More results


Similar Description - SMF5.0A

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
S2AA DEC-S2AA Datasheet
1Mb / 2P
For surface mounted applications
S5A DEC-S5A Datasheet
793Kb / 2P
For surface mounted applications
logo
Pan Jit International I...
ER3AA PANJIT-ER3AA Datasheet
113Kb / 6P
For surface mounted applications
logo
Diode Semiconductor Kor...
SL12 DSK-SL12 Datasheet
76Kb / 2P
For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
BAV19W-SOD123 YFWDIODE-BAV19W-SOD123 Datasheet
470Kb / 3P
For surface mounted applications
BAV100WS-SOD123F YFWDIODE-BAV100WS-SOD123F Datasheet
505Kb / 3P
For surface mounted applications
BAV19WSFL YFWDIODE-BAV19WSFL Datasheet
445Kb / 3P
For surface mounted applications
1N4148W YFWDIODE-1N4148W Datasheet
454Kb / 3P
For surface mounted applications
logo
SHIKUES Electronics
BAS316 SKTECHNOLGY-BAS316 Datasheet
459Kb / 3P
For surface mounted applications
logo
Shanghai Leiditech Elec...
SMAZ5V1 LEIDITECH-SMAZ5V1 Datasheet
573Kb / 4P
For surface mounted applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com