Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G126DBVR Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC1G126DBVR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SN74LVC1G126DBVR
Download  SN74LVC1G126DBVR Download
File Size   940.5 Kbytes
Page   10 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Designed for 1.65V to 5.5V VCC Operation

SN74LVC1G126DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G126DBVR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SN74LVC1G126DBVR
Download  SN74LVC1G126DBVR Click to download

File Size   940.5 Kbytes
Page   10 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Designed for 1.65V to 5.5V VCC Operation

SN74LVC1G126DBVR Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SN74LVC1G126DBVR Product details

General Description
The SN74LVC1G126 is a high performance single noninverting buffer operating
from a 1.65V to 5.5V supply. This device is
fabricated with advanced CMOS technology to achieve ultra-high speed with high
output drive.

Features
● Designed for 1.65V to 5.5V VCC Operation
● Overvoltage Tolerant Inputs
● 24 mA Balanced Output Sink and Source
Capability
● Near Zero Static Supply Current Substantially
Reduces System Power Requirements
● These Devices are Pb−Free and are RoHS
Compliant
● 3−State OE Input is Active− High




Similar Part No. - SN74LVC1G126DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G126DBVR TI-SN74LVC1G126DBVR Datasheet
470Kb / 18P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126DBVR TI1-SN74LVC1G126DBVR Datasheet
1Mb / 30P
Single Bus Buffer Gate With 3-State Output
SN74LVC1G126DBVR TI2-SN74LVC1G126DBVR Datasheet
2Mb / 40P
SN74LVC1G126 Single Bus Buffer Gate With 3-State Output
REVISED JANUARY 2015
logo
TECH PUBLIC Electronics...
SN74LVC1G126DBVR-TP TECHPUBLIC-SN74LVC1G126DBVR-TP Datasheet
2Mb / 7P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126DBVR.A TI2-SN74LVC1G126DBVR.A Datasheet
2Mb / 40P
SN74LVC1G126 Single Bus Buffer Gate With 3-State Output
REVISED JANUARY 2015
More results


Similar Description - SN74LVC1G126DBVR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74STX1GU04 PERICOM-PI74STX1GU04 Datasheet
154Kb / 4P
Unbuffered Inverter That Operates over the 1.65V to 5.5V VCC operating range
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Maxim Integrated Produc...
MAX98356EVKIT MAXIM-MAX98356EVKIT Datasheet
2Mb / 20P
2.5V to 5.5V Single-Supply Operation
19-6408; Rev 0; 7/12
MAX98502EVKIT MAXIM-MAX98502EVKIT Datasheet
1Mb / 7P
2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
3V to 5.5V Single-Supply Operation
2007
logo
Guangdong Youtai Semico...
SN74AUP1G126 UMW-SN74AUP1G126 Datasheet
587Kb / 10P
Designed for 0.8V to 3.6V VCC Operation
SN74LVC1G125 UMW-SN74LVC1G125 Datasheet
695Kb / 10P
Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G04 UMW-SN74LVC2G04 Datasheet
721Kb / 8P
Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G04 UMW-SN74LVC2G04_V01 Datasheet
824Kb / 9P
Designed for 1.65V to 5.5V V CC Operation
SN74LVC2G14 UMW-SN74LVC2G14_V01 Datasheet
795Kb / 9P
Designed for 1.65V to 5.5V VCC Operation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com