Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G86 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC1G86 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SN74LVC1G86
Download  SN74LVC1G86 Download
File Size   813.74 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages

SN74LVC1G86 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G86 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SN74LVC1G86
Download  SN74LVC1G86 Click to download

File Size   813.74 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages

SN74LVC1G86 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SN74LVC1G86 Product details

General Description
The SN74LVC1G86 is a high
performance single 2−input Exclusive−OR
Gate operating from a 2.3V to 5.5V
supply.

Features
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
Extremely High Speed: tPD 2.5ns (typical) at VCC = 5.0V
Designed for 1.65V to 5.5V VCC Operation, CMOS C o m patible
Over Voltage Tolerant InputsI NV may be Between 0 and
7.0V for VCC Between 0.5 and 5.5V
TTL Compatible − Interface Capability with 5.0V TTL
Logic with VCC = 2.7V to 3.6V
LVCMOS Compatible
24mA Output Sink Capability, Pullup may be between 0 and
7.0V
Near Zero Static Supply Current Substantially Reduces
System Power Requirements
Chip Complexity: FET = 20
These Devices are Pb−Free, Halogen Free/BFR Free and are
RoHS Compliant




Similar Part No. - SN74LVC1G86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86 Datasheet
351Kb / 15P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86 TI-SN74LVC1G86 Datasheet
535Kb / 15P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86 TI1-SN74LVC1G86 Datasheet
840Kb / 20P
Single 2-Input Exclusive-OR Gate
SN74LVC1G86 TI2-SN74LVC1G86 Datasheet
993Kb / 31P
SN74LVC1G86 Single 2-Input Exclusive-OR Gate
REVISED JUNE 2017
SN74LVC1G86 TI2-SN74LVC1G86 Datasheet
975Kb / 21P
SN74LVC1G86-Q1 Single 2-Input Exclusive-OR Gate
MARCH 2017
More results


Similar Description - SN74LVC1G86

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Acutechnology Semicondu...
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
Revision 1.3 May 3, 2005
AQ105 ACUTECH-AQ105 Datasheet
428Kb / 5P
Secondary V/I amplifier SOT23-5 and SC70-5 Package
Revision 1.3 July 17, 2006
AQ120 ACUTECH-AQ120 Datasheet
449Kb / 7P
Battery Charger Controller SOT23-5 and SC70-5 Package
Revision 1.8 April 1, 2006
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
Micropower SC70-5 & SOT23-5 low dropout regulators
OCTOBER 2007
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G17 UMW-SN74LVC1G17 Datasheet
718Kb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
Tiny SC70-5 /SOT23-5 Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com