Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1339718 Datasheet (PDF) - PHOENIX CONTACT

1339718 Datasheet PDF - PHOENIX CONTACT
Part # 1339718
Download  1339718 Download
File Size   318.75 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D31H 2,2/ 5-V-3,81-X - PCB header

1339718 Datasheet (PDF)

Go To PDF Page Download Datasheet
1339718 Datasheet PDF - PHOENIX CONTACT

Part # 1339718
Download  1339718 Click to download

File Size   318.75 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D31H 2,2/ 5-V-3,81-X - PCB header

1339718 Datasheet (HTML) - PHOENIX CONTACT


1339718 Product details

PCB headers, color: black, nominal current: 8 A, rated voltage (III/2): 160 V, contact surface: Tin,
contact connection type: Pin, number of rows: 1, number of positions: 5, product range: D31H
2,2/..-V, pitch: 3.81 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.8
mm, number of solder pins per potential: 1, plug-in system: CONNEXIS D, Pin connector pattern
alignment: Standard, locking: Snap-in locking, mounting: Engagement nose, type of packaging:
packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Vertical connection enables multi-row arrangement on the PCB
• Easy PCB replacement thanks to plug-in modules
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1339718

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1339712 PHOENIX-1339712 Datasheet
319Kb / 8P
D31H 2,2/10-H-3,81-X - PCB header
1339713 PHOENIX-1339713 Datasheet
312Kb / 8P
D31H 2,2/ 2-V-3,81-X - PCB header
1339716 PHOENIX-1339716 Datasheet
316Kb / 8P
D31H 2,2/ 3-V-3,81-X - PCB header
1339717 PHOENIX-1339717 Datasheet
313Kb / 8P
D31H 2,2/ 4-V-3,81-X - PCB header
1339719 PHOENIX-1339719 Datasheet
318Kb / 8P
D31H 2,2/ 6-V-3,81-X - PCB header
More results


Similar Description - 1339718

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340387 PHOENIX-1340387 Datasheet
372Kb / 10P
D31H 2,2/ 5-FH-3,81-X - PCB connector
1339700 PHOENIX-1339700 Datasheet
321Kb / 8P
D31H 2,2/ 4-H-3,81-X - PCB header
1339716 PHOENIX-1339716 Datasheet
316Kb / 8P
D31H 2,2/ 3-V-3,81-X - PCB header
1340375 PHOENIX-1340375 Datasheet
316Kb / 8P
D31H 2,2/10-V-3,81-X - PCB header
1341129 PHOENIX-1341129 Datasheet
318Kb / 8P
D31H 2,2/ 5-V-3,81-Y - PCB header
1339704 PHOENIX-1339704 Datasheet
321Kb / 8P
D31H 2,2/ 5-H-3,81-X - PCB header
1339706 PHOENIX-1339706 Datasheet
320Kb / 8P
D31H 2,2/ 6-H-3,81-X - PCB header
1339712 PHOENIX-1339712 Datasheet
319Kb / 8P
D31H 2,2/10-H-3,81-X - PCB header
1339719 PHOENIX-1339719 Datasheet
318Kb / 8P
D31H 2,2/ 6-V-3,81-X - PCB header
1340373 PHOENIX-1340373 Datasheet
317Kb / 8P
D31H 2,2/ 8-V-3,81-X - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com