Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX42410 Datasheet (PDF) - Analog Devices

MAX42410 Datasheet PDF - Analog Devices
Part # MAX42410
Download  MAX42410 Download
File Size   954.02 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability

MAX42410 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX42410 Datasheet PDF - Analog Devices

Part # MAX42410
Download  MAX42410 Click to download

File Size   954.02 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability

MAX42410 Datasheet (HTML) - Analog Devices


MAX42410 Product details

General Description
The MAX42408/MAX42410 are highly-integrated synchronous buck converters with internal high-side and low-side switches. The ICs deliver up to 8A/10A with input voltage from 4.5V to 36V. The voltage quality can be monitored by the PGOOD signal. The MAX42408/MAX42410 can operate in the dropout mode by running at 99% duty cycle, which make them ideal for industrial applications.
The MAX42408/MAX42410 offer programmable output-voltage options. High switching frequency at 1.5MHz and 400kHz options allow for small external components and reduced output ripple. SYNC input programmability enables three modes for optimized performance: forced PWM mode, skip mode with ultra-low quiescent current, and synchronization to an external clock.
The MAX42408/MAX42410 also come with dual-phase capability, which allows up to 20A designs. Two ICs can be configured as a controller and target with dynamic current sharing and 180º out-of-phase operation.
The MAX42408/MAX42410 are available in a small 3.5mm x 3.75mm, 17-pin FC2QFN package. They are pin-to-pin compatible with the MAX42405/MAX42406 (5A to 6A) family of products.

Benefits and Features
• High-Power DC/DC Converter in Small Solution Size
• Operating VIN range of 4.5V to 36V
• Synchronous DC-DC Converter with Integrated FETs
• 8A/10A Maximum Output Current
• 400kHz and 1.5MHz Fixed Frequency Options
• Fixed Soft-Start Time
- 2.5ms for 400kHz
- 3.5ms for 1.5MHz
• 34ns Minimum On-Time
• Programmable Output Voltage
- 0.8V to 10V for 400kHz
- 0.8V to 6V for 1.5MHz
• Symmetric and Balanced SUP and PGND Pinout Placement for Better EMI Performance
• Thermally-Enhanced 3.5mm x 3.75mm, 17-Pin FC2QFN Package
• High Efficiency at All Load Ranges
• 10μA Quiescent Current in Skip Mode
• Up to 95.6% Eff. at 12VIN/3.3VOUT/400kHz
• Up to 93.9% Eff. at 12VIN/3.3VOUT/1.5MHz
• Dual-Phase Operation up to 20A Load Capability
• Frequency Synchronization Input/Output
• 180º Out-of-Phase Between Controller and Target
• Dynamic Current Sharing
• Forced PWM and Skip-Mode Operation
• 99% Duty Cycle Operation with Low Dropout Voltage
• Power Good Indicator
• Overtemperature and Short-Circuit Protection
• -40°C to +125°C Temperature Range
• Scalable Power Solution
• Footprint Compatible with MAX42405/MAX42406

Applications
• Point-of-Load
• Industrial Automation
• Distributed DC Power Systems




Similar Part No. - MAX42410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4241 MAXIM-MAX4241 Datasheet
174Kb / 16P
Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
Rev 0; 3/98
MAX4241ESA MAXIM-MAX4241ESA Datasheet
174Kb / 16P
Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
Rev 0; 3/98
MAX4241EUA MAXIM-MAX4241EUA Datasheet
174Kb / 16P
Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
Rev 0; 3/98
More results


Similar Description - MAX42410

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC198 SEMTECH-SC198 Datasheet
406Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
SC198A SEMTECH-SC198A Datasheet
352Kb / 15P
Dual DC-DC Buck Converter with High Current Capability
SC198 SEMTECH-SC198_07 Datasheet
404Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
logo
Maxim Integrated Produc...
MAX16930 MAXIM-MAX16930 Datasheet
1Mb / 29P
2MHz, 36V, Dual Buck with Preboost and 20μA Quiescent Current
Rev 1; 7/13
MAX16932 MAXIM-MAX16932 Datasheet
1Mb / 24P
2.2MHz, 36V, Dual Buck with 20μA Quiescent Current
Rev 2; 2/14
MAX17230 MAXIM-MAX17230 Datasheet
1Mb / 29P
2V–36V, Synchronous Dual Buck Controller with Integrated Boost and 20μA Quiescent Current
MAX20034 MAXIM-MAX20034 Datasheet
2Mb / 24P
Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
MAX20408 MAXIM-MAX20408 Datasheet
1Mb / 25P
Automotive 36V, 8A/10A Fully-Integrated Buck
2021
logo
Analog Devices
MAX25254 AD-MAX25254 Datasheet
1Mb / 24P
Dual 36V Input Voltage, 8A Synchronous Buck Converters with Multiphase Capability and ASIL B
Rev 2; 6/22
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com