Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79528211 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

79528211 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 79528211
Download  79528211 Download
File Size   429.17 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WA-BCPH Battery Holder

79528211 Datasheet (PDF)

Go To PDF Page Download Datasheet
79528211 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 79528211
Download  79528211 Click to download

File Size   429.17 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WA-BCPH Battery Holder

79528211 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


79528211 Product details

General Information:
Operating Temperature -25 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Vibration Test: MIL-STD-202G Method 204 up to 10g with inserted battery
Operating Temperature -25 up to +85 °C




Similar Part No. - 79528211

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79528-5000 MOLEX-79528-5000 Datasheet
314Kb / 2P
FaxEnable??Units
79528-5001 MOLEX-79528-5001 Datasheet
196Kb / 2P
EMS-Enable??System
More results


Similar Description - 79528211

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH-02-2 ADAM-TECH-BH-02-2 Datasheet
78Kb / 1P
BATTERY HOLDER
BH-03-2 ADAM-TECH-BH-03-2 Datasheet
136Kb / 1P
BATTERY HOLDER
BH-04-4 ADAM-TECH-BH-04-4 Datasheet
81Kb / 1P
BATTERY HOLDER
BH-06-3 ADAM-TECH-BH-06-3 Datasheet
81Kb / 1P
BATTERY HOLDER
BH-06-4 ADAM-TECH-BH-06-4 Datasheet
93Kb / 1P
BATTERY HOLDER
BH-09-3 ADAM-TECH-BH-09-3 Datasheet
76Kb / 1P
BATTERY HOLDER
BH-09-4 ADAM-TECH-BH-09-4 Datasheet
76Kb / 1P
BATTERY HOLDER
logo
Wurth Elektronik GmbH &...
79527141 WURTH-79527141 Datasheet
343Kb / 5P
WA-BCPH Battery Holder
001.003
79548211 WURTH-79548211 Datasheet
190Kb / 4P
WA-BCPH Battery Holder
001.002
79578211 WURTH-79578211 Datasheet
196Kb / 4P
WA-BCPH Battery Holder
001.003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com