Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD35P6LLF6 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

STD35P6LLF6 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # STD35P6LLF6
Download  STD35P6LLF6 Download
File Size   934.02 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description -60V P-Channel MOSFET

STD35P6LLF6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD35P6LLF6 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # STD35P6LLF6
Download  STD35P6LLF6 Click to download

File Size   934.02 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description -60V P-Channel MOSFET

STD35P6LLF6 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


STD35P6LLF6 Product details

Order code VDSS RDS(on) max.
STD35P6LLF6 60 V 0.028 Ω 35
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Features
VDS (V) = -60V
RDS(ON) < 27mΩ (VGS = -10V)
RDS(ON) < 35mΩ (VGS = -4.5V)




Similar Part No. - STD35P6LLF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD35P6LLF6 STMICROELECTRONICS-STD35P6LLF6 Datasheet
754Kb / 16P
P-channel 60 V, 0.025 Ω typ., 35 A STripFET™F6 Power MOSFET in a DPAK package
03-Apr-2017
logo
VBsemi Electronics Co.,...
STD35P6LLF6 VBSEMI-STD35P6LLF6 Datasheet
971Kb / 7P
P-Channel 60 V (D-S) MOSFET
logo
EVER SEMICONDUCTOR CO.,...
STD35P6LLF6 EVVOSEMI-STD35P6LLF6 Datasheet
579Kb / 5P
-60V P-Channel MOSFET
Rev:2023A2
More results


Similar Description - STD35P6LLF6

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
60V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
-60V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com