Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP521 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

TLP521 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # TLP521
Download  TLP521 Download
File Size   792.06 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY

TLP521 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP521 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # TLP521
Download  TLP521 Click to download

File Size   792.06 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY

TLP521 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


TLP521 Product details

Collector-Emitter Voltage : 55 V (min)
Current Transfer Ratio + 50% (min)

Rank GB : 100% (min)
Isolation Voltage : 5000vrms (high)
UL Approved:UL1577,File No.E492440




Similar Part No. - TLP521

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP521 TOSHIBA-TLP521 Datasheet
372Kb / 8P
programmable controllers ac/dc-input module solid state relay
logo
List of Unclassifed Man...
TLP521 ETC-TLP521 Datasheet
74Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
TLP521 ISOCOM-TLP521 Datasheet
76Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TLP521 ISOCOM-TLP521 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Guangdong Youtai Semico...
TLP521 UMW-TLP521 Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
More results


Similar Description - TLP521

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
Programmable Controllers AC / DC-Input Module Solid State Relay
TLP570 TOSHIBA-TLP570 Datasheet
707Kb / 8P
Programmable Controllers AC / DC.Input Module Solid State Relay
TLP621 TOSHIBA-TLP621 Datasheet
425Kb / 10P
PROGRAMMABLE CONTROLLER AC/DC-INPUT MODULE SOLID STATE RELAY
TLP631 TOSHIBA-TLP631 Datasheet
373Kb / 8P
PROGAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521-1 TOSHIBA-TLP521-1_07 Datasheet
249Kb / 9P
Programmable Controllers AC/DC−Input Module Solid State Relay
TLP521-1GBF TOSHIBA-TLP521-1GBF Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-1GBFT TOSHIBA-TLP521-1GBFT Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
logo
Guangdong Youtai Semico...
TLP521GB UMW-TLP521GB Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com