Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP102A Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

TMP102A Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # TMP102A
Download  TMP102A Download
File Size   1525.7 Kbytes
Page   19 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Product number: UMW TMP102AIDRLRS、UMW TMP102AIDRLRD

TMP102A Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP102A Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP102A
Download  TMP102A Click to download

File Size   1525.7 Kbytes
Page   19 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Product number: UMW TMP102AIDRLRS、UMW TMP102AIDRLRD

TMP102A Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


TMP102A Product details

Features
• Product number: UMW TMP102AIDRLRS、UMW
TMP102AIDRLRD
• Temperature range: -55°C ~ +150°C
• Temperature accuracy: ±0.5°C (-40°C ~ +125°C)
±0.25°C(0°C ~ +65°C)
• Package: 6-Pin SOT563 (UMW TMP102AIDRLRS)
6-Pin DFNWB (UMW TMP102AIDRLRD)
• Supply voltage range: 1.4V ~ 5.5V
• Low quiescent current:
Normal operation: ≤10μA (4Hz)
Shutdown mode: ≤1μA
• Resolution: 12bits, 0.0625°C
• Digital output: SMBusTM and I2C interface
compatibility

Applications
• Portable and battery-powered applications
• Power-supply temperature monitoring
• Computer peripheral thermal protection
• Notebook computers
• Battery management
• Office machines
• Thermostat controls
• Electromechanical device temperatures
• General temperature measurements:
- Industrial controls




Similar Part No. - TMP102A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP102AIDRLR BURR-BROWN-TMP102AIDRLR Datasheet
328Kb / 19P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102AIDRLR TI-TMP102AIDRLR Datasheet
452Kb / 19P
Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP102AIDRLR TI-TMP102AIDRLR Datasheet
888Kb / 22P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102AIDRLR TI1-TMP102AIDRLR Datasheet
958Kb / 30P
Low-Power Digital Temperature Sensor
TMP102AIDRLR TI1-TMP102AIDRLR Datasheet
955Kb / 30P
Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
More results


Similar Description - TMP102A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2401 DALLAS-DS2401 Datasheet
151Kb / 10P
Silicon Serial Number
logo
Maxim Integrated Produc...
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
Serial Number iButton
Rev: 10/08
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
Serial Number iButton
Rev 4; 8/10
logo
Dallas Semiconductor
DS9105 DALLAS-DS9105_09 Datasheet
56Kb / 2P
iButton Number Set
logo
List of Unclassifed Man...
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
Part Number Nomenclature
logo
Omron Electronics LLC
G32A-N4150 OMRON-G32A-N4150 Datasheet
194Kb / 5P
Model Number Structure
logo
AVX Corporation
06035A121FAT2A AVX-06035A121FAT2A Datasheet
40Kb / 2P
Part Number Explanation
logo
AVAGO TECHNOLOGIES LIMI...
IEC60747-5-2 AVAGO-IEC60747-5-2 Datasheet
54Kb / 3P
Specify Part Number followed by Option Number
logo
Guangdong Youtai Semico...
SI2312A UMW-SI2312A Datasheet
1Mb / 5P
UMW SI2312A
ESDK5B0U1S3 UMW-ESDK5B0U1S3 Datasheet
1Mb / 4P
The UMW EK5B0U1S3 is a bi-directional TVS diode, making this device an ideal solution for protecting voltage sensitive data and power line.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com