Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1942426 Datasheet (PDF) - PHOENIX CONTACT

1942426 Datasheet PDF - PHOENIX CONTACT
Part # 1942426
Download  1942426 Download
File Size   606.17 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKC 2,5 HC/ 7-ST-5,08 - PCB connector

1942426 Datasheet (PDF)

Go To PDF Page Download Datasheet
1942426 Datasheet PDF - PHOENIX CONTACT

Part # 1942426
Download  1942426 Click to download

File Size   606.17 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKC 2,5 HC/ 7-ST-5,08 - PCB connector

1942426 Datasheet (HTML) - PHOENIX CONTACT


1942426 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
7, number of rows: 1, number of positions: 7, number of connections: 7, product range: FKC 2,5
HC/..-ST, pitch: 5.08 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5 HC,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Optimized for tight installation situations: operation and conductor connection from one direction
• Quick and convenient testing using integrated test option




Similar Part No. - 1942426

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1942420000 WEIDMULLER-1942420000 Datasheet
88Kb / 5P
PCB connection systems
1942420000 WEIDMULLER-1942420000 Datasheet
244Kb / 4P
SC 3.81/18/90G 3.2SN BK BX
More results


Similar Description - 1942426

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1873100 PHOENIX-1873100 Datasheet
142Kb / 7P
FKC 2,5/ 7-ST-5,08
1942471 PHOENIX-1942471 Datasheet
155Kb / 5P
FKC 2,5 HC/12-ST-5,08
1942170 PHOENIX-1942170 Datasheet
666Kb / 20P
PCB connector - FKC 2,5 HC/ 4-ST
Jan 5, 2023
1942484 PHOENIX-1942484 Datasheet
806Kb / 20P
PCB connector - FKC 2,5 HC/ 2-STF-5,08
Jan 10, 2023
1942565 PHOENIX-1942565 Datasheet
819Kb / 20P
PCB connector - FKC 2,5 HC/10-STF-5,08
Jan 3, 2023
1925692 PHOENIX-1925692 Datasheet
715Kb / 17P
PCB connector - FKC 2,5/ 2-ST-5,08-RF
1925702 PHOENIX-1925702 Datasheet
744Kb / 18P
PCB connector - FKC 2,5/ 3-ST-5,08-RF
1925715 PHOENIX-1925715 Datasheet
732Kb / 18P
PCB connector - FKC 2,5/ 4-ST-5,08-RF
1925728 PHOENIX-1925728 Datasheet
749Kb / 18P
PCB connector - FKC 2,5/ 5-ST-5,08-RF
1925773 PHOENIX-1925773 Datasheet
720Kb / 17P
PCB connector - FKC 2,5/10-ST-5,08-RF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com