Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8631 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

AD8631 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # AD8631
Download  AD8631 Download
File Size   1222.56 Kbytes
Page   15 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 480μA, 6.5MHz, RRIO CMOS Operational Amplifiers

AD8631 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8631 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8631
Download  AD8631 Click to download

File Size   1222.56 Kbytes
Page   15 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 480μA, 6.5MHz, RRIO CMOS Operational Amplifiers

AD8631 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


AD8631 Product details

Features
 High Slew Rate: 4V/μs
 Wide Bandwidth: 6.5MHz
 Low Power: 480μA per Amplifier Supply
Current
 Settling Time to 0.1% with 2V Step: 1 μs
 Low Noise: 20 nV/√Hz@10KHz
 High Gains of 103 dB for Active Filters and
Gain Stages
 Low Offset Voltage: 4.2 mV Maximum
 Unit Gain Stable
 Rail-to-Rail Input and Output
 Input Voltage Range: -0.1V to +5.1V
at 5V Supply
 Operating Power Supply: +2.3V to +5.5V
 Operating Temperature Range: -40℃ to +125℃




Similar Part No. - AD8631

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8631 AD-AD8631 Datasheet
157Kb / 12P
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV.0
AD8631 AD-AD8631 Datasheet
159Kb / 12P
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV. 0
AD8631ART AD-AD8631ART Datasheet
157Kb / 12P
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV.0
AD8631ART-REEL7 AD-AD8631ART-REEL7 Datasheet
159Kb / 12P
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV. 0
More results


Similar Description - AD8631

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
1.8V, RRIO Operational Amplifiers
logo
Analog Devices
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
REV. E
OP196 AD-OP196_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP296 AD-OP296_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM721 HMSEMI-HM721 Datasheet
2Mb / 13P
12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
logo
Texas Instruments
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
logo
Shenzhen Huazhimei Semi...
HM8521 HMSEMI-HM8521 Datasheet
1Mb / 12P
3.4關A, 90kHz, RRIO CMOS Operational Amplifiers
HM8631 HMSEMI-HM8631 Datasheet
2Mb / 13P
520關A, 6.5MHz, RRIO CMOS Operational Amplifiers
logo
Guangdong Youtai Semico...
AD8541 UMW-AD8541 Datasheet
3Mb / 19P
1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com