Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3101 Datasheet (PDF) - Intersil Corporation

HFA3101 Datasheet PDF - Intersil Corporation
Part # HFA3101
Download  HFA3101 Download
File Size   809.78 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Gilbert Cell UHF Transistor Array

HFA3101 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3101 Datasheet PDF - Intersil Corporation

Part # HFA3101
Download  HFA3101 Click to download

File Size   809.78 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Gilbert Cell UHF Transistor Array

HFA3101 Datasheet (HTML) - Intersil Corporation


HFA3101 Product details

The HFA3101 is an all NPN transistor array configured as a Multiplier Cell. Based on Intersil’s bonded wafer UHF-1 SOI process, this array achieves very high fT (10GHz) while maintaining excellent hFE and VBE matching characteristics that have been maximized through careful attention to circuit design and layout, making this product ideal for communication circuits. For use in mixer applications, the cell provides high gain and good cancellation of 2nd order distortion terms.

Features
• Pb-free Available as an Option
• High Gain Bandwidth Product (fT) . . . . . . . . . . . . . 10GHz
• High Power Gain Bandwidth Product . . . . . . . . . . . . 5GHz
• Current Gain (hFE) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
• Low Noise Figure (Transistor) . . . . . . . . . . . . . . . . . 3.5dB
• Excellent hFE and VBE Matching
• Low Collector Leakage Current . . . . . . . . . . . . . . <0.01nA
• Pin to Pin Compatible to UPA101

Applications
• Balanced Mixers
• Multipliers
• Demodulators/Modulators
• Automatic Gain Control Circuits
• Phase Detectors
• Fiber Optic Signal Processing
• Wireless Communication Systems
• Wide Band Amplification Stages
• Radio and Satellite Communications
• High Performance Instrumentation




Similar Part No. - HFA3101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3101 INTERSIL-HFA3101 Datasheet
905Kb / 12P
Gilbert Cell UHF Transistor Array
September 2004
logo
Renesas Technology Corp
HFA3101 RENESAS-HFA3101 Datasheet
724Kb / 12P
Gilbert Cell UHF Transistor Array
logo
Intersil Corporation
HFA3101B INTERSIL-HFA3101B Datasheet
905Kb / 12P
Gilbert Cell UHF Transistor Array
September 2004
logo
Renesas Technology Corp
HFA3101B RENESAS-HFA3101B Datasheet
724Kb / 12P
Gilbert Cell UHF Transistor Array
logo
Intersil Corporation
HFA3101B96 INTERSIL-HFA3101B96 Datasheet
905Kb / 12P
Gilbert Cell UHF Transistor Array
September 2004
More results


Similar Description - HFA3101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
UHF power transistor
March 1986
logo
List of Unclassifed Man...
USP10 ETC1-USP10 Datasheet
46Kb / 1P
VHF/UHF TRANSISTOR
logo
Siemens Semiconductor G...
PMB2331 SIEMENS-PMB2331 Datasheet
556Kb / 21P
The mixer used in this design is a general purpose up-/downconversion gilbert cell mixer
logo
Intersil Corporation
HFA3101 INTERSIL-HFA3101 Datasheet
905Kb / 12P
Gilbert Cell UHF Transistor Array
September 2004
logo
Epson Company
S1K70000 EPSON-S1K70000 Datasheet
5Mb / 379P
STANDARD CELL / EMBEDDED ARRAY
S1X70000 EPSON-S1X70000 Datasheet
5Mb / 379P
STANDARD CELL / EMBEDDED ARRAY
logo
Xilinx, Inc
XC3000A XILINX-XC3000A Datasheet
52Kb / 8P
Logic Cell Array Family
XC3000FM XILINX-XC3000FM Datasheet
473Kb / 50P
XC3000 Logic Cell Array Families
logo
Renesas Technology Corp
HFA3101 RENESAS-HFA3101 Datasheet
724Kb / 12P
Gilbert Cell UHF Transistor Array
logo
fujitsu semiconductor
CS91 FUJITSU-CS91 Datasheet
106Kb / 9P
Standard cell array
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com