Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUD-200SXXXDTA Datasheet (PDF) - Inventronics Inc.

EUD-200SXXXDTA Datasheet PDF - Inventronics Inc.
Part # EUD-200SXXXDTA
Download  EUD-200SXXXDTA Download
File Size   707.29 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Programmable IP67 Driver

EUD-200SXXXDTA Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-200SXXXDTA Datasheet PDF - Inventronics Inc.

Part # EUD-200SXXXDTA
Download  EUD-200SXXXDTA Click to download

File Size   707.29 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Programmable IP67 Driver

EUD-200SXXXDTA Datasheet (HTML) - Inventronics Inc.


EUD-200SXXXDTA Product details

Features
Ultra High Efficiency (Up to 94.5%)
Full Power at Wide Output Current Range (Constant Power)
Thermal Sensing and Protection for LED Module
0-10V/PWM/3-Timer-Modes Dimmable
Dim-to-Off with Standby Power ≤ 0.5 W
Always-on Auxiliary Power: 12Vdc, 200mA (Transient Peak
Current up to 400mA)
Output Lumen Compensation
Input Surge Protection: DM 6kV, CM 10kV
All-Around Protection: OVP, SCP, OTP
IP67 and UL Dry / Damp / Wet Location
SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
7 Years Warranty

Description
The EUD-200SxxxDTA series is a 200W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. Created for many lighting applications including high bay, high mast,
arena and roadway, etc, it provides a dim-to-off mode with low standby power. The high efficiency of these
drivers and compact metal case enables them to run cooler, significantly improving reliability and extending
product life. To ensure trouble-free operation, protection is provided against input surge, output over voltage,
short circuit, and over temperature.




Similar Part No. - EUD-200SXXXDTA

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-200SXXXDT INVENTRONICS-EUD-200SXXXDT Datasheet
1Mb / 13P
200W Programmable IP67 Driver
Rev. J
EUD-200SXXXDT-00A0 INVENTRONICS-EUD-200SXXXDT-00A0 Datasheet
684Kb / 12P
200W Constant Current IP67 Driver
Rev.H
EUD-200SXXXDTST-00A0 INVENTRONICS-EUD-200SXXXDTST-00A0 Datasheet
684Kb / 12P
200W Constant Current IP67 Driver
Rev.H
More results


Similar Description - EUD-200SXXXDTA

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-200SXXXDB INVENTRONICS-DS-EAM-200SXXXDB Datasheet
787Kb / 12P
200W Programmable IP66/IP67 Driver
Rev.A
EUD-200SXXXBTA INVENTRONICS-EUD-200SXXXBTA Datasheet
704Kb / 12P
200W Programmable IP67 Driver with DALI
Rev. C
EUD-200SXXXBVA INVENTRONICS-EUD-200SXXXBVA Datasheet
774Kb / 14P
200W Programmable IP67 Driver with DALI
Rev. D
EUD-200SXXXDVA INVENTRONICS-EUD-200SXXXDVA Datasheet
757Kb / 12P
200W Programmable IP67 Driver
Rev. C
EUG-200SXXXDT INVENTRONICS-EUG-200SXXXDT Datasheet
895Kb / 14P
200W Programmable IP67 Driver
Rev. D
EUG-200SXXXDV INVENTRONICS-EUG-200SXXXDV Datasheet
860Kb / 13P
200W Programmable IP67 Driver
Rev. F
EUD-200SXXXDT INVENTRONICS-EUD-200SXXXDT Datasheet
1Mb / 13P
200W Programmable IP67 Driver
Rev. J
EUD-200SXXXDV INVENTRONICS-EUD-200SXXXDV Datasheet
1Mb / 12P
200W Programmable IP67 Driver
Rev. F
EUD-200SXXXGT INVENTRONICS-EUD-200SXXXGT Datasheet
502Kb / 12P
200W Programmable IP67 Driver with DMX512
Rev. G
EBD-200SXXXDV INVENTRONICS-EBD-200SXXXDV Datasheet
1Mb / 11P
200W Programmable IP67 Driver
Rev.D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com