Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD478 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

AOD478 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # AOD478
Download  AOD478 Download
File Size   480.5 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 100V N-Channel MOSFET

AOD478 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD478 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # AOD478
Download  AOD478 Click to download

File Size   480.5 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 100V N-Channel MOSFET

AOD478 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


AOD478 Product details

Product Summary

•ID (at VGS=10V) 11A
• VDS=100V
• RDS(ON) (at VGS=10V) < 140mΩ
• RDS(ON)(at VGS = 5V) < 152mΩ




Similar Part No. - AOD478

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
logo
Thinki Semiconductor Co...
AOD478 THINKISEMI-AOD478 Datasheet
1Mb / 6P
11Ampere,100Volt Surface Mount Package N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
AOD478 VBSEMI-AOD478 Datasheet
1,007Kb / 7P
N-Channel 100 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD478 ISC-AOD478 Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOD478

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com