Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD508 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

AOD508 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # AOD508
Download  AOD508 Download
File Size   603.97 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V N-Channel MOSFET

AOD508 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD508 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # AOD508
Download  AOD508 Click to download

File Size   603.97 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V N-Channel MOSFET

AOD508 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


AOD508 Product details

Application
•100% UIS Tested
•100% Rg Tested
• DC/DC Converters in Computing
• Isolated DC/DC Converters in Telecom and Industrial
•VDS(V) = 30V
•ID = 70A (VGS = 10V)
•RDS(ON) < 3mΩ (V GS = 10V)
•RDS(ON) < 4.5mΩ (V GS = 4.5V)




Similar Part No. - AOD508

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD508 AOSMD-AOD508 Datasheet
308Kb / 6P
30V N-Channel AlphaMOS
logo
VBsemi Electronics Co.,...
AOD508 VBSEMI-AOD508 Datasheet
1,000Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD508 ISC-AOD508 Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOD508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com