Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I.MX7 Datasheet (PDF) - NXP Semiconductors

I.MX7 Datasheet PDF - NXP Semiconductors
Part # I.MX7
Download  I.MX7 Download
File Size   2917.39 Kbytes
Page   161 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description i.MX 7Dual Family of Applications Processors Datasheet

I.MX7 Datasheet (PDF)

Go To PDF Page Download Datasheet
I.MX7 Datasheet PDF - NXP Semiconductors

Part # I.MX7
Download  I.MX7 Click to download

File Size   2917.39 Kbytes
Page   161 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description i.MX 7Dual Family of Applications Processors Datasheet

I.MX7 Datasheet (HTML) - NXP Semiconductors


I.MX7 Product details

Features
The i.MX 7Dual family of processors is based on Arm Cortex-A7 MPCore™ Platform, which has the
following features:
• Two Arm Cortex-A7 Cores (with TrustZone® technology)
• The core configuration is symmetric, where each core includes:
— 32 KByte L1 Instruction Cache
— 32 KByte L1 Data Cache
— Private Timer and Watchdog
— NEON MPE (media processing engine) coprocessor
The Arm Cortex-A7 Core complex shares:
• General interrupt controller (GIC) with 128 interrupt support
• Global timer
• Snoop control unit (SCU)
• 512 KB unified I/D L2 cache
• Two master AXI bus interfaces output of L2 cache
• Frequency of the core (including NEON and L1 cache), as per Table 9.
• NEON MPE coprocessor
— SIMD Media Processing Architecture
— NEON register file with 32x64-bit general-purpose registers
— NEON Integer execute pipeline (ALU, Shift, MAC)
— NEON dual, single-precision floating point execute pipeline (FADD, FMUL)
— NEON load/store and permute pipeline
The Arm Cortex-M4 platform:
• Cortex-M4 CPU core
• MPU (memory protection unit)
• FPU (floating-point unit)
• 16 KByte instruction cache
• 16 KByte data cache
• 64 KByte TCM (tightly-coupled memory)
The SoC-level memory system consists of the following additional components:
— Boot ROM, including HAB (96 KB)
— Internal multimedia / shared, fast access RAM (256 KB of total OCRAM)
— Secure/nonsecure RAM (32 KB)
• External memory interfaces: The i.MX 7Dual family of processors supports the latest,
high-volume, cost effective DRAM, NOR, and NAND Flash memory standards.
— Up to 32-bit LP-DDR2-1066, DDR3-1066, DDR3L-1066, and LPDDR3-1066
— 8-bit NAND-Flash, including support for Raw MLC/SLC, 2 KB, 4 KB, and 8 KB page size,
BA-NAND, PBA-NAND, LBA-NAND, OneNAND™ and others. BCH ECC up to 62 bits.
— 16/32-bit NOR Flash. All EIMv2 pins are muxed on other interfaces.
Each i.MX 7Dual processor enables the following interfaces to external devices (some of them are muxed
and not available simultaneously):
• Displays—Available interfaces.
— One parallel 24-bit display port
— One EPD port
— One MIPI DSI port
• Camera sensors:
— One parallel Camera port (up to 24 bit and up to 133 MHz peak)
— One MIPI-CSI port
• Expansion cards:
— Three MMC/SD/SDIO card ports all supporting the following. Moreover, the third port can
support HS400.
– 1-bit or 4-bit transfer mode specifications for SD and SDIO cards, up to 208 MHz
– 1-bit, 4-bit, or 8-bit transfer mode specifications for MMC cards up to 200 MHz in both
SDR and DDR modes, including HS200 and HS400 DDR modes
• USB:
— Two high-speed (HS) USB 2.0 OTG (Up to 480 Mbps), with integrated HS USB PHY
— One high-speed USB 2.0 (480 Mbps) host with integrated HSIC USB (high-speed inter-chip
USB) PHY
• Expansion PCI Express port (PCIe) v. 2.1 one lane
— PCI Express (Gen 2.0) dual mode complex, supporting root complex operations and endpoint
operations. Uses x1 PHY configuration.
• Miscellaneous IPs and interfaces:
— Three instances of SAI supporting up to three I2S and AC97 ports
— Seven UARTs, up to 4.0 Mbps:
– Providing RS232 interface
– Supporting 9-bit RS485 Multidrop mode
— Four eCSPI (Enhanced CSPI)
— Four I2C, supporting 400 kbps
— Two 1-gigabit Ethernet controllers (designed to be compatible with IEEE Std 1588),
10/100/1000 Mbps with AVB support
— Four pulse width modulators (PWM)
— System JTAG controller (SJC)
— GPIO with interrupt capabilities
— 8x8 key pad port (KPP)
— One quad SPI
— Four watchdog timers (WDOG)
— One (12 x 12 mm) or two (19 x 19 mm) 2-channel, 12-bit analog-to-digital converters
(ADC)—effective number of bits (ENOB) can vary (typically 9–10 bits) depending on the
system implementation and the condition of the power/ground noise condition
The i.MX 7Dual family of processors integrates advanced power management unit and controllers:
• PMU (power-management unit), multiple LDO supplies, for on-chip resources
• Temperature sensor for monitoring the die temperature
• Software state retention and power gating for Arm and NEON
• Support for various levels of system power modes
• Flexible clock gating control scheme
The i.MX 7Dual family of processors uses dedicated hardware accelerators to meet the targeted
multimedia performance. The use of hardware accelerators is a key factor in obtaining high performance
at low power consumption numbers, while having the CPU core relatively free for performing other tasks.
The i.MX 7Dual family of processors incorporates the following hardware accelerators:
• PXP—PiXel processing pipeline for imagine resize, rotation, overlay and CSC. Off loading key
pixel processing operations are required to support the LCD and EPDC display applications.
• EPDC—Low-power, high-performance, direct-drive, active-matrix electrophoretic display
controller, specifically designed to drive E Ink EPD panels.
Security functions are implemented by the following hardware:
• Arm TrustZone technology including separation of interrupts and memory mapping
• SJC—System JTAG Controller. Protecting JTAG from debug port attacks by regulating or
blocking the access to the system debug features.
• CAAM—Cryptographic Acceleration and Assurance Module, containing cryptographic and hash
engines, 32 KB secure RAM, and true and pseudo random number generator.
• SNVS—Secure Non-Volatile Storage, including secure real time clock
• CSU—Central Security Unit. Responsible for setting comprehensive security policy of the device.
Configured during boot and by eFuses and determines the security-level operation mode as well as
the TrustZone policy.
• HAB—High Assurance Boot—HABv4 with the new embedded enhancements: SHA-256,
2048-bit RSA key, SRK revocation mechanism, warm boot, CSU, and TrustZone initialization.




Similar Part No. - I.MX7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX7ULP NXP-I.MX7ULP Datasheet
282Kb / 2P
Evaluation Kit Based on i.MX 7ULP Applications Processors
REV 0
More results


Similar Description - I.MX7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
i.MX family of microprocessors
MC9328MX1 FREESCALE-MC9328MX1_06 Datasheet
1Mb / 100P
MX Family of applications processors
MC9328MXL FREESCALE-MC9328MXL_06 Datasheet
1Mb / 90P
MX Family of applications processors
MC9328MXS FREESCALE-MC9328MXS Datasheet
1Mb / 74P
MX Family of applications processors
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
i.MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
i.MX 7Dual Family
Rev. 5, 07/2017
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC_V01 Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 3, 08/2023
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com