Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1501 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

AP1501 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # AP1501
Download  AP1501 Download
File Size   4061.32 Kbytes
Page   13 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Simple high-efficiency step-down (buck) regulator

AP1501 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1501 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # AP1501
Download  AP1501 Click to download

File Size   4061.32 Kbytes
Page   13 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Simple high-efficiency step-down (buck) regulator

AP1501 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


AP1501 Product details

FEATURES
• 3.3V, 5V, 12V, and adjustable output versions
• Adjustable version output voltage range, 1.2V to 37V
• ±4% max over line and load conditions
• Available in TO-220 and TO-263 packages
• Guaranteed 3A output load current
• Input voltage range up to 40V
• Requires only 4 external components
• Excellent line and load regulation specifications
• 150 kHz fixed frequency internal oscillator
• TTL shutdown capability
• Low power standby mode, IQ typically 80 μA
• High efficiency
• Uses readily available standard inductors
• Thermal shutdown and current limit protection




Similar Part No. - AP1501

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501 ANACHIP-AP1501 Datasheet
129Kb / 7P
150 KHZ 3A PWM BUCK DC/DC CONVERTER
Rev. A7 Feb. 10, 2004
logo
Diodes Incorporated
AP1501 DIODES-AP1501 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
AP1501 DIODES-AP1501 Datasheet
410Kb / 13P
150KHZ, 3A PWM BUCK DC/DC CONVERTER
Rev. 14 - 2 March 2021
logo
Anachip Corp
AP1501-12K5 ANACHIP-AP1501-12K5 Datasheet
129Kb / 7P
150 KHZ 3A PWM BUCK DC/DC CONVERTER
Rev. A7 Feb. 10, 2004
AP1501-12K5 ANACHIP-AP1501-12K5 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
More results


Similar Description - AP1501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
Simple high-efficiency step-down (buck) regulator
LM2576 ESTEK-LM2576 Datasheet
200Kb / 8P
Simple high-efficiency step-down (buck) regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
Simple high-efficiency step-down (buck) regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com