Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUD-600S560DV Datasheet (PDF) - Inventronics Inc.

EUD-600S560DV Datasheet PDF - Inventronics Inc.
Part # EUD-600S560DV
Download  EUD-600S560DV Download
File Size   1113.64 Kbytes
Page   20 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 600W Programmable IP67 Driver

EUD-600S560DV Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-600S560DV Datasheet PDF - Inventronics Inc.

Part # EUD-600S560DV
Download  EUD-600S560DV Click to download

File Size   1113.64 Kbytes
Page   20 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 600W Programmable IP67 Driver

EUD-600S560DV Datasheet (HTML) - Inventronics Inc.


EUD-600S560DV Product details

Features
 Ultra High Efficiency (Up to 95%)
 Full Power at Wide Output Current Range (Constant Power)
 Thermal Sensing and Protection for LED Module
 Isolated 0-10V/PWM/3-Timer-Modes Dimmable
 Digital Dimming
 Dim-to-Off with Standby Power ≤ 0.5W
 Always-on Auxiliary Power: 12Vdc, 200mA (Transient Peak
Current up to 400mA)
 Output Lumen Compensation
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: OVP, SCP, OTP
 IP67
 SELV Output
 7 Years Warranty
Description
The EUD-600SxxxDV series is a 600W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. Created for many lighting applications including high bay, high mast,
aquaculture and sports, etc, it provides a dim-to-off mode with low standby power. The high efficiency of these
drivers and compact metal case enables them to run cooler, significantly improving reliability and extending
product life. To ensure trouble-free operation, protection is provided against input surge, output over voltage, short
circuit, and over temperature.




Similar Part No. - EUD-600S560DV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-600S560DT INVENTRONICS-EUD-600S560DT Datasheet
990Kb / 19P
600W Programmable IP67 Driver
Rev.H
More results


Similar Description - EUD-600S560DV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-ESD-320SXXXDV INVENTRONICS-DS-ESD-320SXXXDV Datasheet
1Mb / 14P
320W Programmable IP67 Driver
Rev. B
ESV-600SXXXST INVENTRONICS-ESV-600SXXXST Datasheet
462Kb / 7P
600W Constant Voltage IP67 Driver
Rev. A
ESV-600SXXXSV INVENTRONICS-ESV-600SXXXSV Datasheet
465Kb / 7P
600W Constant Voltage IP67 Driver
Rev. A
EUV-600SXXXST INVENTRONICS-EUV-600SXXXST Datasheet
534Kb / 8P
600W Constant Voltage IP67 Driver
Rev. B
EUD-200SXXXDVA INVENTRONICS-EUD-200SXXXDVA Datasheet
757Kb / 12P
200W Programmable IP67 Driver
Rev. C
EUD-600SXXXDT INVENTRONICS-EUD-600SXXXDT Datasheet
990Kb / 19P
600W Programmable IP67 Driver
Rev.H
EUG-150SXXXDV INVENTRONICS-EUG-150SXXXDV Datasheet
964Kb / 16P
150W Programmable IP67 Driver
Rev. I
EUG-200SXXXDT INVENTRONICS-EUG-200SXXXDT Datasheet
895Kb / 14P
200W Programmable IP67 Driver
Rev. D
EUG-240SXXXDV INVENTRONICS-EUG-240SXXXDV Datasheet
846Kb / 14P
240W Programmable IP67 Driver
Rev. E
EBD-075SXXXDV INVENTRONICS-EBD-075SXXXDV Datasheet
1Mb / 12P
75W Programmable IP67 Driver
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com