Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUG-150SXXXDT Datasheet (PDF) - Inventronics Inc.

EUG-150SXXXDT Datasheet PDF - Inventronics Inc.
Part # EUG-150SXXXDT
Download  EUG-150SXXXDT Download
File Size   1023.43 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Programmable IP67 Driver

EUG-150SXXXDT Datasheet (PDF)

Go To PDF Page Download Datasheet
EUG-150SXXXDT Datasheet PDF - Inventronics Inc.

Part # EUG-150SXXXDT
Download  EUG-150SXXXDT Click to download

File Size   1023.43 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Programmable IP67 Driver

EUG-150SXXXDT Datasheet (HTML) - Inventronics Inc.


EUG-150SXXXDT Product details

Features
Ultra High Efficiency (Up to 93.5%)
Full Power at Wide Output Current Range (Constant Power)
0-5V/0-10V/PWM/Timer Dimmable
Input Surge Protection: 6kV line-line, 10kV line-earth
All-Around Protection: OVP, SCP, OTP
Waterproof (IP67) and UL Dry / Damp / Wet Location
SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
UL Type TL (Temperature Limited)
7 Years Warranty

Description
The EUG-150SxxxDT series is a 150W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. It is created for many lighting applications including high bay, tunnel and
roadway lights. The high efficiency of these drivers and compact metal case enables them to run cooler,
significantly improving reliability and extending product life. To ensure trouble-free operation, protection is
provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUG-150SXXXDT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUG-150SXXXDV INVENTRONICS-EUG-150SXXXDV Datasheet
964Kb / 16P
150W Programmable IP67 Driver
Rev. I
More results


Similar Description - EUG-150SXXXDT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-150SXXXDB INVENTRONICS-DS-EAM-150SXXXDB Datasheet
776Kb / 13P
150W Programmable I P66/IP67 Driver
Rev.A
EUD-150SXXXDDA INVENTRONICS-EUD-150SXXXDDA Datasheet
1Mb / 11P
150W Class II Programmable IP67 Driver
Rev.C
EUD-150SXXXDVABVA INVENTRONICS-EUD-150SXXXDVABVA Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. D
EUG-150SXXXDV INVENTRONICS-EUG-150SXXXDV Datasheet
964Kb / 16P
150W Programmable IP67 Driver
Rev. I
EUD-150SXXXBT INVENTRONICS-EUD-150SXXXBT Datasheet
982Kb / 11P
150W Programmable IP67 Driver with DALI
Rev. F
EUD-150SXXXBV INVENTRONICS-EUD-150SXXXBV Datasheet
479Kb / 10P
150W Programmable IP67 Driver with DALI
Rev. E
EUD-150SXXXDT INVENTRONICS-EUD-150SXXXDT Datasheet
1Mb / 12P
150W Programmable IP67 Driver
Rev. F
EUD-150SXXXDV INVENTRONICS-EUD-150SXXXDV Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. E
EUK-150SXXXDV INVENTRONICS-EUK-150SXXXDV Datasheet
2Mb / 14P
150W Programmable IP67 Driver
Rev.E
EBD-150SXXXDVA INVENTRONICS-EBD-150SXXXDVA Datasheet
561Kb / 11P
150W Programmable IP67 Driver
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com