Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3410C Datasheet (PDF) - NXP Semiconductors

MC3410C Datasheet PDF - NXP Semiconductors
Part # MC3410C
Download  MC3410C Download
File Size   80.02 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 10-Bit high-speed multiplying D/A converter

MC3410C Datasheet (PDF)

Go To PDF Page Download Datasheet
MC3410C Datasheet PDF - NXP Semiconductors

Part # MC3410C
Download  MC3410C Click to download

File Size   80.02 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 10-Bit high-speed multiplying D/A converter

MC3410C Datasheet (HTML) - NXP Semiconductors


MC3410C Product details

DESCRIPTION
The MC3410 series are 10-bit Multiplying Digital-to-Analog Converters. They are capable of high-speed performance, and are used as general-purpose building blocks in cost-effective D/A systems.

FEATURES
• 10-bit resolution and accuracy (±0.05%)
• Guaranteed monotonicity over temperature
• Fast settling time—250ns typical
• Digital inputs are TTL and CMOS compatible
• Wide output voltage compliance range
• High-speed multiplying input slew rate—20mA/µs
• Reference amplifier internally-compensated
• Standard supply voltages +5V and -15V

APPLICATIONS
• Successive approximation A/D converters
• High-speed, automatic test equipment
• High-speed modems
• Waveform generators
• CRT displays
• Strip CHART and X-Y plotters
• Programmable power supplies
• Programmable gain and attenuation




Similar Part No. - MC3410C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
Axis Accelerometer
More results


Similar Description - MC3410C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
8-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
10-Bit high-speed multiplying D/A converter
August 31, 1994
logo
Analog Devices
DAC312 AD-DAC312 Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
10-Bit Multiplying D/A Converter
June 2004
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV. C
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
10-Bit Multiplying D/A Converter
June 2004
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com