Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT0503C Datasheet (PDF) - Xtaltq Technologies Co.,Ltd.

BT0503C Datasheet PDF - Xtaltq Technologies Co.,Ltd.
Part # BT0503C
Download  BT0503C Download
File Size   228.2 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description SMD Package (5.2×3.4mm)

BT0503C Datasheet (PDF)

Go To PDF Page Download Datasheet
BT0503C Datasheet PDF - Xtaltq Technologies Co.,Ltd.

Part # BT0503C
Download  BT0503C Click to download

File Size   228.2 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description SMD Package (5.2×3.4mm)

BT0503C Datasheet (HTML) - Xtaltq Technologies Co.,Ltd.


BT0503C Product details

Features
Provide Stratum Ⅲ Level Frequency Stability
SMD Package (5.2×3.4mm)
Ultra Stable
Wide Temperature Range

Applications
Synthesizer
SDH/SONET
Medical Electronics
Base Stations
Instrumentations




Similar Part No. - BT0503C

ManufacturerPart #DatasheetDescription
logo
Chengdu Xtaltq Technolo...
BT0503C XTAITQ-BT0503C Datasheet
514Kb / 2P
Temperature Compensated Crystal Oscillator
BT0503CC107AA12.8 XTAITQ-BT0503CC107AA12.8 Datasheet
621Kb / 4P
Temperature Compensated Crystal Oscillator
BT0503CC107AB12.8 XTAITQ-BT0503CC107AB12.8 Datasheet
621Kb / 4P
Temperature Compensated Crystal Oscillator
BT0503CC107AC12.8 XTAITQ-BT0503CC107AC12.8 Datasheet
621Kb / 4P
Temperature Compensated Crystal Oscillator
BT0503CC107AN12.8 XTAITQ-BT0503CC107AN12.8 Datasheet
621Kb / 4P
Temperature Compensated Crystal Oscillator
More results


Similar Description - BT0503C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1384AD-ID KINGBRIGHT-WP1384AD-ID Datasheet
249Kb / 4P
3.4mm RIGHT ANGLE LED INDICATOR
WP1384AD-SRD KINGBRIGHT-WP1384AD-SRD Datasheet
248Kb / 4P
3.4mm RIGHT ANGLE LED INDICATOR
WP1384AD-YD KINGBRIGHT-WP1384AD-YD Datasheet
248Kb / 4P
3.4mm RIGHT ANGLE LED INDICATOR
WP1384AL-GD KINGBRIGHT-WP1384AL-GD Datasheet
251Kb / 4P
3.4mm RIGHT ANGLE LED INDICATOR
logo
Johanson Technology Inc...
5250BL15B100 JOHANSON-5250BL15B100 Datasheet
125Kb / 2P
5.2 GHz Balun
logo
List of Unclassifed Man...
SPMWHT520AN2BAA0S0 ETC2-SPMWHT520AN2BAA0S0 Datasheet
1Mb / 18P
Lead Frame Type LED Package (5.2 * 6.0 * t 1.3mm)
logo
API Technologies Corp
CMD154 APITECH-CMD154 Datasheet
116Kb / 1P
5.2 / 5.7 Duplexer
logo
CRYSTEK CORPORATION
CS-DF-MJB CRYSTEKMICROWAVE-CS-DF-MJB Datasheet
88Kb / 2P
3.4mm jack, Solder Clamp
logo
Xtaltq Technologies Co....
BT0503D XTALTQ-BT0503D Datasheet
224Kb / 2P
SMD Package(5.2×3.4mm)
BT0507C XTALTQ-BT0507C Datasheet
253Kb / 2P
SMD Package(5.2×3.4mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com