Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT0507A Datasheet (PDF) - Xtaltq Technologies Co.,Ltd.

BT0507A Datasheet PDF - Xtaltq Technologies Co.,Ltd.
Part # BT0507A
Download  BT0507A Download
File Size   275.54 Kbytes
Page   3 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description SMD Package (7.0×5.0mm)

BT0507A Datasheet (PDF)

Go To PDF Page Download Datasheet
BT0507A Datasheet PDF - Xtaltq Technologies Co.,Ltd.

Part # BT0507A
Download  BT0507A Click to download

File Size   275.54 Kbytes
Page   3 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description SMD Package (7.0×5.0mm)

BT0507A Datasheet (HTML) - Xtaltq Technologies Co.,Ltd.


BT0507A Product details

Features
Provide Stratum Ⅲ Level Frequency Stability
Ultra Stable
Wide Temperature Range
SMD Package (7.0×5.0mm)
Applications
Base Stations
Instrumentations
Synthesizer
SDH/SONET
Medical Electronics




Similar Part No. - BT0507A

ManufacturerPart #DatasheetDescription
logo
Chengdu Xtaltq Technolo...
BT0507A XTAITQ-BT0507A Datasheet
519Kb / 4P
Temperature Compensated Crystal Oscillator
BT0507AC3C107AN16.384 XTAITQ-BT0507AC3C107AN16.384 Datasheet
519Kb / 4P
Temperature Compensated Crystal Oscillator
BT0507AC3C107BN16.384 XTAITQ-BT0507AC3C107BN16.384 Datasheet
519Kb / 4P
Temperature Compensated Crystal Oscillator
BT0507AC3C107CN16.384 XTAITQ-BT0507AC3C107CN16.384 Datasheet
519Kb / 4P
Temperature Compensated Crystal Oscillator
BT0507AC3C107DN16.384 XTAITQ-BT0507AC3C107DN16.384 Datasheet
519Kb / 4P
Temperature Compensated Crystal Oscillator
More results


Similar Description - BT0507A

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
752-SMX-2 ACT-752-SMX-2 Datasheet
232Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
753-SMX-4 ACT-753-SMX-4 Datasheet
236Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
logo
EUROQUARTZ limited
EMQF574T EUROQUARTZ-EMQF574T Datasheet
252Kb / 2P
CMOS SMD TCXO 7.0 x 5.0mm 10MHz to 245MHz
logo
Transko Electronics, In...
TV75A TRANSKO-TV75A Datasheet
419Kb / 2P
MINIATURE CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 12-14-2022
TVC TRANSKO-TVC Datasheet
408Kb / 2P
DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 06-16-2020
logo
Xtaltq Technologies Co....
BS0507D XTALTQ-BS0507D Datasheet
215Kb / 2P
Small size (7.0*5.0mm)
BS0507E XTALTQ-BS0507E Datasheet
214Kb / 2P
Small size (7.0*5.0mm)
BT0507E XTALTQ-BT0507E Datasheet
206Kb / 2P
SMD Package(7.0×5.0mm)
BV0507D XTALTQ-BV0507D Datasheet
184Kb / 2P
SMD Package (7.0×5.0mm)
BV0507E XTALTQ-BV0507E Datasheet
331Kb / 2P
Small size (7.0*5.0mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com