Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BV1220 Datasheet (PDF) - Xtaltq Technologies Co.,Ltd.

BV1220 Datasheet PDF - Xtaltq Technologies Co.,Ltd.
Part # BV1220
Download  BV1220 Download
File Size   194.07 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description SMD Package(12.6×20.2mm)

BV1220 Datasheet (PDF)

Go To PDF Page Download Datasheet
BV1220 Datasheet PDF - Xtaltq Technologies Co.,Ltd.

Part # BV1220
Download  BV1220 Click to download

File Size   194.07 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description SMD Package(12.6×20.2mm)

BV1220 Datasheet (HTML) - Xtaltq Technologies Co.,Ltd.


BV1220 Product details

Features
SMD Package(12.6×20.2mm)
Ultra Stable
Low Phase Noise
Applications
Low jitter RF Communication
GNSS
Low phase noise signal source
Wireless Communication System




Similar Part No. - BV1220

ManufacturerPart #DatasheetDescription
logo
Semikron International
BV12 SEMIKRON-BV12 Datasheet
51Kb / 2P
High voltage silicon rectifier diodes
BV12 SEMIKRON-BV12 Datasheet
55Kb / 2P
High voltage silicon rectifier diodes
logo
Shenzhen Bencent Electr...
BV12C BENCENT-BV12C Datasheet
305Kb / 4P
Transient Voltage Suppressor
BV12C BENCENT-BV12C Datasheet
231Kb / 4P
Transient Voltage Suppressor
BV12C BENCENT-BV12C_16 Datasheet
231Kb / 4P
Transient Voltage Suppressor
More results


Similar Description - BV1220

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-009267-PKG003 MA-COM-MAOC-009267-PKG003 Datasheet
155Kb / 5P
Voltage Controlled Oscillator 11.2 - 12.6 GHz
logo
OmniVision Technologies...
OV12825 OMNIVISION-OV12825 Datasheet
1Mb / 2P
OV12825 12.6-megapixel product brief
logo
OSRAM GmbH
LOM67F-U2AB-24 OSRAM-LOM67F-U2AB-24 Datasheet
538Kb / 21P
SMD epoxy package
LRH9PP-HZJZ-1-1 OSRAM-LRH9PP-HZJZ-1-1 Datasheet
729Kb / 22P
SMD epoxy package
KWH3L531.TE OSRAM-KWH3L531.TE Datasheet
823Kb / 23P
SMD epoxy package
KWH4L531.TE OSRAM-KWH4L531.TE Datasheet
868Kb / 23P
SMD epoxy package
KR-DMLS31.23 OSRAM-KR-DMLS31.23 Datasheet
732Kb / 22P
SMD epoxy package
logo
Xtaltq Technologies Co....
BO1220H XTALTQ-BO1220H Datasheet
233Kb / 2P
DIP(20.2mm*12.6mm)
Mar.27, 2016
BO1220L XTALTQ-BO1220L Datasheet
227Kb / 2P
DIP(20.2mm*12.6mm)
Mar.27. 2016
BT1220 XTALTQ-BT1220 Datasheet
212Kb / 2P
DIP Package(12.6*20.2mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com