Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD Datasheet (PDF) - UN Semiconducctor INC

KD Datasheet PDF - UN Semiconducctor INC
Part # KD
Download  KD Download
File Size   2875.05 Kbytes
Page   4 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 15KA Radial Lead Transient Voltage Suppressors (TVS)

KD Datasheet (PDF)

Go To PDF Page Download Datasheet
KD Datasheet PDF - UN Semiconducctor INC

Part # KD
Download  KD Click to download

File Size   2875.05 Kbytes
Page   4 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 15KA Radial Lead Transient Voltage Suppressors (TVS)

KD Datasheet (HTML) - UN Semiconducctor INC


KD Product details

Features
Axial lead terminals
High current transient suppressor
Excellent Clamping Capability
Glass Passivated Junction
Bi-directional
Low Slope Resistance
Repetition Rate (duty cycle):0.01%
Hazardous Substances Free
High Temperature soldering: 260°C/10 seconds at terminals
Epoxy Encapsulated
Solderable per MIL-STD-202 Method 208
Plastic package has Underwriters Laboratory Flammability 94V-0
Halogen free and RoHS compliant





Similar Description - KD

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
Radial Lead Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
AK15-015C HUAXINAN-AK15-015C Datasheet
348Kb / 2P
8x20uS 15KA Transient Voltage Suppressors
logo
Socay Electornics Co., ...
KA-012 SOCAY-KA-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KC-012 SOCAY-KC-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KD-012 SOCAY-KD-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
logo
UN Semiconducctor INC
K1-076 UNSEMI-K1-076 Datasheet
2Mb / 4P
1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KA UNSEMI-KA Datasheet
2Mb / 4P
3KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KA1-380 UNSEMI-KA1-380 Datasheet
2Mb / 4P
1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KB UNSEMI-KB Datasheet
2Mb / 4P
6KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KC UNSEMI-KC Datasheet
2Mb / 4P
10KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com