Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSD3C031V Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

BSD3C031V Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # BSD3C031V
Download  BSD3C031V Download
File Size   475.56 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Microprocessor based equipment

BSD3C031V Datasheet (PDF)

Go To PDF Page Download Datasheet
BSD3C031V Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # BSD3C031V
Download  BSD3C031V Click to download

File Size   475.56 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Microprocessor based equipment

BSD3C031V Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


BSD3C031V Product details

Features
480Watts peak pulse power (tp =8/20μs)
Bidirectional configurations
Solid-state silicon-avalanche technology
Low clamping voltage
Low leakage current
IEC 61000-4-2 ±30kV contact ±30kV air
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 20A(8/20μs)




Similar Part No. - BSD3C031V

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
BSD3C051V UMW-BSD3C051V Datasheet
496Kb / 4P
Microprocessor based equipment
More results


Similar Description - BSD3C031V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS30C7210 ETC-HMS30C7210 Datasheet
2Mb / 337P
ARM Based 32-Bit Microprocessor
logo
Toshiba Semiconductor
TMP68301 TOSHIBA-TMP68301 Datasheet
145Kb / 2P
68hg000 based intergrated microprocessor
logo
Fuji Electric
EDS3-108E FUJI-EDS3-108E Datasheet
179Kb / 16P
MICROPROCESSOR BASED NDIR GAS ANALYZER
logo
Analog Devices
AD2050 AD-AD2050_15 Datasheet
842Kb / 2P
MICROPROCESSOR BASED THERMOCOUPLE METERS
AD2051 AD-AD2051_15 Datasheet
842Kb / 2P
MICROPROCESSOR BASED THERMOCOUPLE METERS
logo
Amphenol Corporation
HUMI-DP-XR-S AMPHENOL-HUMI-DP-XR-S Datasheet
245Kb / 4P
Microprocessor-based signal processing
logo
Guangdong Youtai Semico...
PESD12VL1BA UMW-PESD12VL1BA Datasheet
335Kb / 4P
Microprocessor based equipment
PESD5V0V1BA UMW-PESD5V0V1BA Datasheet
417Kb / 4P
Microprocessor based equipment
BSD3C051V UMW-BSD3C051V Datasheet
496Kb / 4P
Microprocessor based equipment
BSD5C031V UMW-BSD5C031V Datasheet
380Kb / 4P
Microprocessor based equipment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com