Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCE30A Datasheet (PDF) - UN Semiconducctor INC

LCE30A Datasheet PDF - UN Semiconducctor INC
Part # LCE30A
Download  LCE30A Download
File Size   3096.86 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)

LCE30A Datasheet (PDF)

Go To PDF Page Download Datasheet
LCE30A Datasheet PDF - UN Semiconducctor INC

Part # LCE30A
Download  LCE30A Click to download

File Size   3096.86 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)

LCE30A Datasheet (HTML) - UN Semiconducctor INC


LCE30A Product details

Features
Glass passivated junction .
1500W peak pulse power capability with a 10/1000 μ s waveform,
repetitive rate (duty cycle):0.01 % .
Low leakage .
Excellent clamping capability .
Very fast response time .
Plastic package has Underwriters Laboratory Flammability 94V-0 .
Halogen free and RoHS compliant .




Similar Part No. - LCE30A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE30A EIC-LCE30A Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LCE30A MICROSEMI-LCE30A Datasheet
85Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
TAITRON Components Inco...
LCE30A TAITRON-LCE30A Datasheet
179Kb / 5P
1500W Low Capacitance Transient Voltage Suppressor
logo
Littelfuse
LCE30A LITTELFUSE-LCE30A Datasheet
141Kb / 5P
Transient Voltage Suppression Diodes
logo
Shenzhen Taychipst Elec...
LCE30A TAYCHIPST-LCE30A Datasheet
7Mb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - LCE30A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
15KPA17A SOCAY-15KPA17A Datasheet
452Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
logo
UN Semiconducctor INC
1.5KE UNSEMI-1.5KE Datasheet
3Mb / 7P
6.8 To 600V 1500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
SAC UNSEMI-SAC Datasheet
2Mb / 5P
5.0 To 50V 500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com