Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS18B20 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

DS18B20 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # DS18B20
Download  DS18B20 Download
File Size   1954.36 Kbytes
Page   23 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description The DS18B20 digital thermometer provides 9-bit to 12-bit Celsius temperature measurements and has an alarm function with nonvolatile user- programmable upper and lower trigger points.

DS18B20 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS18B20 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # DS18B20
Download  DS18B20 Click to download

File Size   1954.36 Kbytes
Page   23 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description The DS18B20 digital thermometer provides 9-bit to 12-bit Celsius temperature measurements and has an alarm function with nonvolatile user- programmable upper and lower trigger points.

DS18B20 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


DS18B20 Product details

FEATURES
 1-Wire Interface Requires Only One Port Pin for
Communication
 Each Device has a Unique 64-Bit Serial Code
Stored in an On-Board ROM
 Multidrop Capability Simplifies Distributed
Temperature-Sensing Applications
 Requires No External Components
Can Be Powered from Data Line; Power Supply
Range is 2.5V to 5.5V
 Measures Temperatures from -55°C to +125°C
(-67°F to +257°F)
 ±0.4°C Accuracy from -10°C to +70°C
 Thermometer Resolution is User Selectable
from 9 to 12 Bits
 Converts Temperature to 12-Bit Digital Word in
400ms (Max)
 User-Definable Nonvolatile (NV) Alarm Settings
 Alarm Search Command Identifies and
Addresses Devices Whose Temperature
is Outside Programmed Limits
 Available in 8-Pin SOJ8 and 3-Pin TO-92
Packages
 Applications Include Thermostatic
Controls, Industrial Systems, Consumer
Products, Thermometers, or Any
Thermally Sensitive System
 ESD Rating: HBM8000V, MM800V




Similar Part No. - DS18B20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20 Datasheet
223Kb / 21P
Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20 Datasheet
183Kb / 22P
Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
More results


Similar Description - DS18B20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821_07 Datasheet
454Kb / 18P
Programmable Digital Thermostat and Thermometer
logo
Maxim Integrated Produc...
DS1821 MAXIM-DS1821 Datasheet
800Kb / 19P
Programmable Digital Thermostat and Thermometer
Rev 6/12
logo
ATMEL Corporation
AT30TSE754-XM8-T ATMEL-AT30TSE754-XM8-T Datasheet
2Mb / 60P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers and Serial EEPROM
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
logo
TE Connectivity Ltd
408-7894 TEC-408-7894 Datasheet
138Kb / 2P
The clinching tool features an upper jaw and a lower jaw.
logo
ATMEL Corporation
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TSE752 ATMEL-AT30TSE752 Datasheet
2Mb / 60P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers and Serial EEPROM
logo
Guangdong Youtai Semico...
TMP75 UMW-TMP75 Datasheet
724Kb / 15P
1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function
DS18B20 UMW-DS18B20 Datasheet
3Mb / 25P
The DS18B20 digital thermometer provides 9-bit to 12-bit Celsius temperature measurements and has an alarm function with nonvolatile user- programmable upper and lower trigger points.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com