Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA5V3L Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

ESDA5V3L Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # ESDA5V3L
Download  ESDA5V3L Download
File Size   559.61 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Automatic Teller Machines

ESDA5V3L Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDA5V3L Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # ESDA5V3L
Download  ESDA5V3L Click to download

File Size   559.61 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Automatic Teller Machines

ESDA5V3L Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


ESDA5V3L Product details

Features
350Wat tspeakpuls epower(t p=8/20μs)
Bidirectionalandunidirectionalconfigurations
Solid-statesilicon-avalanchetechnology
Low clampingvoltage
Low leakage current
IEC 61000-4-2 ±30kV contact ±30kV air
IEC 61000-4-4 (EFT) 40A(5/50ns)
IEC610 00-4-5(Lightning)2 4A(8/20μs )




Similar Part No. - ESDA5V3L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA5V3L STMICROELECTRONICS-ESDA5V3L Datasheet
60Kb / 6P
DUAL TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
logo
Shanghai Semitech Semic...
ESDA5V3L SEMITECH-ESDA5V3L Datasheet
213Kb / 4P
2 Unidirectional Transil functions
logo
STMicroelectronics
ESDA5V3L STMICROELECTRONICS-ESDA5V3L Datasheet
201Kb / 11P
Dual Transil??array for ESD protection
July 2017 Rev 5
logo
Shanghai Leiditech Elec...
ESDA5V3L LEIDITECH-ESDA5V3L Datasheet
198Kb / 3P
TVS Diode Array
logo
STMicroelectronics
ESDA5V3LY STMICROELECTRONICS-ESDA5V3LY Datasheet
205Kb / 10P
Automotive dual Transil array for ESD protection
16-Feb-2012
More results


Similar Description - ESDA5V3L

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57276K0123A027 EPCOS-B57276K0123A027 Datasheet
63Kb / 3P
Washing machines
logo
Toshiba Semiconductor
TLP1255 TOSHIBA-TLP1255 Datasheet
192Kb / 7P
Copiers, Printers and Fax Machines Air Conditioners Game Machines
TLP1243 TOSHIBA-TLP1243_07 Datasheet
215Kb / 9P
Copiers, Printers and Fax Machines Air-conditioners Game Machines
logo
TE Connectivity Ltd
85F TEC-85F Datasheet
159Kb / 5P
Dialysis Machines
logo
Total Power Internation...
TPS-120 TOTAL-POWER-TPS-120 Datasheet
1Mb / 4P
Telecommunications/Business machines
logo
Lumberg
CAS LUMBERG-CAS Datasheet
371Kb / 3P
Tools and harnessing machines
logo
Guangdong Youtai Semico...
ESDA14V2L UMW-ESDA14V2L Datasheet
546Kb / 4P
Automatic Teller Machines
ESDA25L UMW-ESDA25L Datasheet
551Kb / 4P
Automatic Teller Machines
ESDA6V1L UMW-ESDA6V1L Datasheet
525Kb / 4P
Automatic Teller Machines
ESDCAN24-2BLY UMW-ESDCAN24-2BLY Datasheet
545Kb / 4P
Automatic Teller Machines
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com