Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUD-100SXXXDD Datasheet (PDF) - Inventronics Inc.

EUD-100SXXXDD Datasheet PDF - Inventronics Inc.
Part # EUD-100SXXXDD
Download  EUD-100SXXXDD Download
File Size   1064.31 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 100W Class II Programmable IP67 Driver

EUD-100SXXXDD Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-100SXXXDD Datasheet PDF - Inventronics Inc.

Part # EUD-100SXXXDD
Download  EUD-100SXXXDD Click to download

File Size   1064.31 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 100W Class II Programmable IP67 Driver

EUD-100SXXXDD Datasheet (HTML) - Inventronics Inc.


EUD-100SXXXDD Product details

Features
Ultra High Efficiency (Up to 93.0%)
Full Power at Wide Output Current Range (Constant Power)
Thermal Sensing and Protection for LED Module
0-10V/PWM/Timer Dimmable (3 Timer Modes)
Dim-to-Off with Standby Power ≤ 0.5 W
Output Lumen Compensation
Input Surge Protection: 10kV line-line
All-Around Protection: OVP, SCP, OTP
Waterproof (IP67)
SELV Output
Class II, Double Insulation
Suitable for Built-in Use

Description
The EUD-100SxxxDD series is a 100W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. Created for high bay, tunnel and street lights, it provides a dim-to-off
mode with low standby power. The high efficiency of these drivers and compact metal case enables them to run
cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection
is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUD-100SXXXDD

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-150S070DVL INVENTRONICS-EUD-150S070DVL Datasheet
765Kb / 13P
150W Programmable Driver with Ultra Long Lifetime
Rev. C
EUD-150S105BTA INVENTRONICS-EUD-150S105BTA Datasheet
698Kb / 14P
150W Progr ammable IP67 Driver
Rev.B
EUD-150S105BVA INVENTRONICS-EUD-150S105BVA Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. D
EUD-150S105DDA INVENTRONICS-EUD-150S105DDA Datasheet
1Mb / 11P
150W Class II Programmable IP67 Driver
Rev.C
EUD-150S105DTA INVENTRONICS-EUD-150S105DTA Datasheet
698Kb / 14P
150W Progr ammable IP67 Driver
Rev.B
More results


Similar Description - EUD-100SXXXDD

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-100SXXXSV INVENTRONICS-DS-EBV-100SXXXSV Datasheet
531Kb / 9P
100W Constant Voltage IP67 Driver
Rev. C
EUW-100DXXXDX INVENTRONICS-EUW-100DXXXDX Datasheet
871Kb / 19P
100W Programmable IP66 /IP67 Tunable White Driver
Rev.B
EUD-150SXXXDDA INVENTRONICS-EUD-150SXXXDDA Datasheet
1Mb / 11P
150W Class II Programmable IP67 Driver
Rev.C
EUM-030SXXXDE INVENTRONICS-EUM-030SXXXDE Datasheet
630Kb / 12P
30W Class II Programmable IP66/IP67 Driver
Rev. D
EUD-200SXXXDD INVENTRONICS-EUD-200SXXXDD Datasheet
1Mb / 12P
200W Class II Programmable IP67 Driver
Rev. F
EUV-100SXXXSV INVENTRONICS-EUV-100SXXXSV Datasheet
430Kb / 7P
100W Constant Voltage IP67 Driver
Rev. N
EBC-100SXXXSV-000X INVENTRONICS-EBC-100SXXXSV-000X Datasheet
197Kb / 8P
100W Constant Current IP67 Driver
Rev. D
EBD-100SXXXDV INVENTRONICS-EBD-100SXXXDV Datasheet
1Mb / 11P
100W Programmable IP67 Driver
Rev. D
EUC-075S070DD INVENTRONICS-EUC-075S070DD Datasheet
870Kb / 9P
75W Class II Constant Current IP67 Driver
Rev. E
EUC-150SXXXDDA INVENTRONICS-EUC-150SXXXDDA Datasheet
289Kb / 8P
150W Class II Constant Current IP67 Driver
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com