Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUD-200SXXXBT Datasheet (PDF) - Inventronics Inc.

EUD-200SXXXBT Datasheet PDF - Inventronics Inc.
Part # EUD-200SXXXBT
Download  EUD-200SXXXBT Download
File Size   548.14 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Progr ammable IP67 Driver with DALI

EUD-200SXXXBT Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-200SXXXBT Datasheet PDF - Inventronics Inc.

Part # EUD-200SXXXBT
Download  EUD-200SXXXBT Click to download

File Size   548.14 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Progr ammable IP67 Driver with DALI

EUD-200SXXXBT Datasheet (HTML) - Inventronics Inc.


EUD-200SXXXBT Product details

Features
Ultra High Efficiency (Up to 93.5%)
Programmable Constant-Current Output
DALI Dimmable and Dim-to-Off
Standby Power 1 W
Input Surge Protection: 4kV line-line, 6kV line-earth
All-Around Protection: OVP,SCP, OTP
Waterproof (IP67) and UL Dry / Damp Location
SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location


Description
The EUD-200SxxxBT series is a 200W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. Created for high bay, high mast, arena and roadway lights, it provides a
dim-to-off mode with low standby power. The high efficiency of these drivers and compact metal case enables
them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation,
protection is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUD-200SXXXBT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-200SXXXBTA INVENTRONICS-EUD-200SXXXBTA Datasheet
704Kb / 12P
200W Programmable IP67 Driver with DALI
Rev. C
More results


Similar Description - EUD-200SXXXBT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-150SXXXDTABTA INVENTRONICS-EUD-150SXXXDTABTA Datasheet
698Kb / 14P
150W Progr ammable IP67 Driver
Rev.B
EUD-200SXXXBTA INVENTRONICS-EUD-200SXXXBTA Datasheet
704Kb / 12P
200W Programmable IP67 Driver with DALI
Rev. C
EUD-200SXXXBVA INVENTRONICS-EUD-200SXXXBVA Datasheet
774Kb / 14P
200W Programmable IP67 Driver with DALI
Rev. D
EUM-030SXXXDX INVENTRONICS-EUM-030SXXXDX Datasheet
909Kb / 15P
30W Progr ammable IP66/IP67 Driver
Rev.C
EUD-150SXXXBT INVENTRONICS-EUD-150SXXXBT Datasheet
982Kb / 11P
150W Programmable IP67 Driver with DALI
Rev. F
EUD-150SXXXBV INVENTRONICS-EUD-150SXXXBV Datasheet
479Kb / 10P
150W Programmable IP67 Driver with DALI
Rev. E
EUD-200SXXXBV INVENTRONICS-EUD-200SXXXBV Datasheet
471Kb / 10P
200W Programmable IP67 Driver with DALI
Rev. F
EUD-240SXXXBT INVENTRONICS-EUD-240SXXXBT Datasheet
1Mb / 13P
240W Programmable IP67 Driver with DALI
Rev. G
EUD-240SXXXBV INVENTRONICS-EUD-240SXXXBV Datasheet
1Mb / 12P
240W Programmable IP67 Driver with DALI
Rev.G
EUK-096SXXXDT INVENTRONICS-EUK-096SXXXDT Datasheet
914Kb / 13P
96W Progr ammable IP67 Driver
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com