Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUD-240SXXXDT Datasheet (PDF) - Inventronics Inc.

EUD-240SXXXDT Datasheet PDF - Inventronics Inc.
Part # EUD-240SXXXDT
Download  EUD-240SXXXDT Download
File Size   1500.35 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W Programmable IP67 Driver

EUD-240SXXXDT Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-240SXXXDT Datasheet PDF - Inventronics Inc.

Part # EUD-240SXXXDT
Download  EUD-240SXXXDT Click to download

File Size   1500.35 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W Programmable IP67 Driver

EUD-240SXXXDT Datasheet (HTML) - Inventronics Inc.


EUD-240SXXXDT Product details

Features
 Ultra High Efficiency (Up to 93%)
 Full Power at 70-100% Max Current (Constant Power)
 0-10V/PWM/3-Timer-Modes Dimmable
 Dim-to-Off with Standby Power ≤ 1 W
 Output Lumen Compensation
 Input Surge Protection: DM 4kV, CM 6kV
 All-Around Protection: OVP, SCP, OTP
 IP67 and UL Dry / Damp / Wet Location
 SELV Output
 TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
Description
The EUD-240SxxxDT series is a 240W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. Created for high bay, high mast, arena and roadway lights, it provides a
dim-to-off mode with low standby power. The high efficiency of these drivers and compact metal case enables
them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation,
protection is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUD-240SXXXDT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-240SXXXDTA INVENTRONICS-EUD-240SXXXDTA Datasheet
738Kb / 14P
240W Programmable IP67 Driver
Rev. D
EUD-240SXXXDTL INVENTRONICS-EUD-240SXXXDTL Datasheet
895Kb / 14P
240W Pr ogrammable Driver with Ultra Long Lifetime
Rev. B
More results


Similar Description - EUD-240SXXXDT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-240SXXXDB INVENTRONICS-DS-EAM-240SXXXDB Datasheet
812Kb / 12P
240W Programmable IP66/IP67 Driver
Rev.A
DS-ESD-240SXXXDT INVENTRONICS-DS-ESD-240SXXXDT Datasheet
916Kb / 16P
240W Programmable IP67 Driver
Rev. F
ESM-240SXXXDX INVENTRONICS-ESM-240SXXXDX Datasheet
728Kb / 13P
240W Programmable IP66/IP67 Driver
Rev.C
EUD-240SXXXDTA INVENTRONICS-EUD-240SXXXDTA Datasheet
738Kb / 14P
240W Programmable IP67 Driver
Rev. D
EUD-240SXXXDVA INVENTRONICS-EUD-240SXXXDVA Datasheet
848Kb / 13P
240W Programmable IP67 Driver
Rev.D
EUG-240SXXXDT INVENTRONICS-EUG-240SXXXDT Datasheet
997Kb / 15P
240W Programmable IP67 Driver
Rev. E
EUG-240SXXXDV INVENTRONICS-EUG-240SXXXDV Datasheet
846Kb / 14P
240W Programmable IP67 Driver
Rev. E
EUD-240SXXXBV INVENTRONICS-EUD-240SXXXBV Datasheet
1Mb / 12P
240W Programmable IP67 Driver with DALI
Rev.G
EUD-240SXXXDV INVENTRONICS-EUD-240SXXXDV Datasheet
1Mb / 13P
240W Programmable IP67 Driver
Rev. F
EBD-240SXXXDV INVENTRONICS-EBD-240SXXXDV Datasheet
1Mb / 11P
240W Programmable IP67 Driver
Rev.D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com