Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUC-042SXXXDSW Datasheet (PDF) - Inventronics Inc.

LUC-042SXXXDSW Datasheet PDF - Inventronics Inc.
Part # LUC-042SXXXDSW
Download  LUC-042SXXXDSW Download
File Size   373.87 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 42W Constant Current IP20 Driver

LUC-042SXXXDSW Datasheet (PDF)

Go To PDF Page Download Datasheet
LUC-042SXXXDSW Datasheet PDF - Inventronics Inc.

Part # LUC-042SXXXDSW
Download  LUC-042SXXXDSW Click to download

File Size   373.87 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 42W Constant Current IP20 Driver

LUC-042SXXXDSW Datasheet (HTML) - Inventronics Inc.


LUC-042SXXXDSW Product details

Features
High Efficiency (Up to 90%)
Active Power Factor Correction (Typical 0.95)
Cascade Connection
Adjustable Constant Output Current with Dip Switch
0-10V Dimming Control
All-Around Protection: OVP, SCP, OTP and Open Lamp Protection
Class 2 & SELV Output
Class II, Double Insulation
Reliable Device for Strain Relief


Description
The LUC-042SxxxDSW(SSW) series operates from a 90 ~ 305 Vac input range. They are designed to be highly efficient and highly reliable. Features include dimming control, over voltage protection, short circuit protection, open lamp protection, and over temperature protection.




Similar Part No. - LUC-042SXXXDSW

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUC-042SXXXDSP INVENTRONICS-LUC-042SXXXDSP Datasheet
899Kb / 9P
42W Constant Current IP66 Driver
Rev. D
More results


Similar Description - LUC-042SXXXDSW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LUC-024SXXXDSP ETC-LUC-024SXXXDSP Datasheet
476Kb / 10P
24W Constant Current IP20 Driver
Rev. G
logo
Inventronics Inc.
LUC-012SXXXDSMSSM INVENTRONICS-LUC-012SXXXDSMSSM Datasheet
454Kb / 9P
12W Constant Current IP20 Driver
Rev. L
LUC-024SXXXDSPSSP INVENTRONICS-LUC-024SXXXDSPSSP Datasheet
529Kb / 11P
24W Constant Current IP20 Driver
Rev. J
LUC-042SXXXDSP INVENTRONICS-LUC-042SXXXDSP Datasheet
899Kb / 9P
42W Constant Current IP66 Driver
Rev. D
LWC-018SXXXSSP INVENTRONICS-LWC-018SXXXSSP Datasheet
820Kb / 8P
18W Constant Current IP20 Driver
Rev. J
EBC-042S105DV-000X INVENTRONICS-EBC-042S105DV-000X Datasheet
1,018Kb / 8P
42W Constant Current IP67 Driver
Rev. D
EUC-042S070DSC INVENTRONICS-EUC-042S070DSC Datasheet
332Kb / 9P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDS INVENTRONICS-EUC-042SXXXDS Datasheet
615Kb / 12P
42W Constant Current IP66 Driver
Rev.T
EUC-042SXXXDTM INVENTRONICS-EUC-042SXXXDTM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDVM INVENTRONICS-EUC-042SXXXDVM Datasheet
949Kb / 9P
42W Constant Current IP67 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com