Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUD-060SXXXBSF Datasheet (PDF) - Inventronics Inc.

LUD-060SXXXBSF Datasheet PDF - Inventronics Inc.
Part # LUD-060SXXXBSF
Download  LUD-060SXXXBSF Download
File Size   1351.82 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 60W Programmable IP20 Driver with DALI

LUD-060SXXXBSF Datasheet (PDF)

Go To PDF Page Download Datasheet
LUD-060SXXXBSF Datasheet PDF - Inventronics Inc.

Part # LUD-060SXXXBSF
Download  LUD-060SXXXBSF Click to download

File Size   1351.82 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 60W Programmable IP20 Driver with DALI

LUD-060SXXXBSF Datasheet (HTML) - Inventronics Inc.


LUD-060SXXXBSF Product details

Features
Dim-to-off with Standby Power≤0.5 W
Always-On Auxiliary Power: 12Vdc, 200mA
Thermal Sensing and Protection for LED Module
Full Power at 70-100% Max Current (Constant Power)
Flicker-Free
Dimmable to 1% by DALI
Output Lumen Compensation
Class II, SELV and Class 2
Suitable for Built-in Use

Description
The LUD-060SxxxBSF series is a 60W, constant-current, programmable IP20 LED driver that operates from 90-
305 Vac input with excellent power factor. It is created for many lighting applications including panel and linear,
etc, it provides good dimming accuracy down to 1% output, plus a dim-to-off mode with low standby power. The high efficiency of these drivers and slim metal case enables them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection is provided against over voltage, short circuit, and over temperature of both the driver and the external LED array.




Similar Part No. - LUD-060SXXXBSF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUD-060SXXXDSF INVENTRONICS-LUD-060SXXXDSF Datasheet
1Mb / 16P
60W Programmable IP20 Driver
Rev. E
More results


Similar Description - LUD-060SXXXBSF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LBD-075SXXXBSF INVENTRONICS-LBD-075SXXXBSF Datasheet
1Mb / 11P
75W Programmable IP20 Driver with DALI
Rev. B
EUD-200SXXXBVA INVENTRONICS-EUD-200SXXXBVA Datasheet
774Kb / 14P
200W Programmable IP67 Driver with DALI
Rev. D
EUD-240SXXXBVA INVENTRONICS-EUD-240SXXXBVA Datasheet
942Kb / 13P
240W Programmable IP67 Driver with DALI
Rev.D
EUD-150SXXXBT INVENTRONICS-EUD-150SXXXBT Datasheet
982Kb / 11P
150W Programmable IP67 Driver with DALI
Rev. F
EUD-150SXXXBV INVENTRONICS-EUD-150SXXXBV Datasheet
479Kb / 10P
150W Programmable IP67 Driver with DALI
Rev. E
EUD-200SXXXBV INVENTRONICS-EUD-200SXXXBV Datasheet
471Kb / 10P
200W Programmable IP67 Driver with DALI
Rev. F
EUD-240SXXXBT INVENTRONICS-EUD-240SXXXBT Datasheet
1Mb / 13P
240W Programmable IP67 Driver with DALI
Rev. G
EUD-240SXXXBV INVENTRONICS-EUD-240SXXXBV Datasheet
1Mb / 12P
240W Programmable IP67 Driver with DALI
Rev.G
LUD-040SXXXBSF INVENTRONICS-LUD-040SXXXBSF Datasheet
1Mb / 12P
40W Programmable IP20 Driver with DALI
Rev. E
LUD-060SXXXDSF INVENTRONICS-LUD-060SXXXDSF Datasheet
1Mb / 16P
60W Programmable IP20 Driver
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com