Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8780 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

FDD8780 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # FDD8780
Download  FDD8780 Download
File Size   640.3 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 25 V N -Channel MOSFET

FDD8780 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD8780 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDD8780
Download  FDD8780 Click to download

File Size   640.3 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 25 V N -Channel MOSFET

FDD8780 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


FDD8780 Product details

Features
Low gate charge: Qg(10) = 21nC(Typ), VGS = 10V
Low gate resistance
VDS(V) = 25V
ID =35A (VGS = 10V)
RDS(ON) < 8.5mΩ (V GS =10V)
RDS(ON) < 12mΩ (V GS = 4.5V)




Similar Part No. - FDD8780

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8780 FAIRCHILD-FDD8780 Datasheet
318Kb / 6P
N-Channel PowerTrench짰 MOSFET 25V, 35A, 8.5mOhm
logo
Inchange Semiconductor ...
FDD8780 ISC-FDD8780 Datasheet
353Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - FDD8780

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
N-Channel 25-V (D-S) MOSFET
04-Oct-04
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
N-Channel 25-V (D-S) MOSFET
22-Sep-08
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
N-Channel 25-V (D-S) MOSFET
02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
N-Channel 25 V (D-S) MOSFET
04-Apr-11
logo
Vishay Telefunken
SIE882DF TFUNK-SIE882DF Datasheet
207Kb / 10P
N-Channel 25-V (D-S) MOSFET
SIR438DP TFUNK-SIR438DP Datasheet
343Kb / 13P
N-Channel 25-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PXN6R2-25QL NEXPERIA-PXN6R2-25QL Datasheet
309Kb / 14P
25 V, N-channel Trench MOSFET
31 July 2023
PXN7R7-25QL NEXPERIA-PXN7R7-25QL Datasheet
325Kb / 14P
25 V, N-channel Trench MOSFET
31 July 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com