Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN327 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

FDN327 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # FDN327
Download  FDN327 Download
File Size   403.17 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel 2.5 V (D-S) MOSFET

FDN327 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN327 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDN327
Download  FDN327 Click to download

File Size   403.17 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel 2.5 V (D-S) MOSFET

FDN327 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


FDN327 Product details

Features
VDS (V) = 20V
RDS(ON) < 125m (V GS = 4.5V)
RDS(ON) < 190m (V GS = 2.5V)
RDS(ON) < 80m (VGS = 1.8V)




Similar Part No. - FDN327

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
FDN327 EVVOSEMI-FDN327 Datasheet
310Kb / 5P
N-Channel 2.5 V (D-S) MOSFET
Rev:2023A2
logo
Fairchild Semiconductor
FDN327N FAIRCHILD-FDN327N Datasheet
84Kb / 5P
N-Channel 1.8 Vgs Specified PowerTrench MOSFET
logo
EVER SEMICONDUCTOR CO.,...
FDN327N EVVOSEMI-FDN327N Datasheet
310Kb / 5P
N-Channel 2.5 V (D-S) MOSFET
Rev:2023A2
logo
ON Semiconductor
FDN327N ONSEMI-FDN327N Datasheet
186Kb / 7P
N-Channel 1.8 Vgs Specified PowerTrench® MOSFET
October 2001 Rev C
More results


Similar Description - FDN327

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5404DC VISHAY-SI5404DC Datasheet
66Kb / 4P
N-Channel 2.5-V (G-S) MOSFET
13-Oct-03
SI9428DY VISHAY-SI9428DY Datasheet
38Kb / 4P
N-Channel 2.5-V (G-S) MOSFET
26-May-03
SI5406DC VISHAY-SI5406DC Datasheet
98Kb / 4P
N-Channel 2.5-V (G-S) MOSFET
05-Aug-02
SI6466ADQ VISHAY-SI6466ADQ Datasheet
81Kb / 5P
N-Channel 2.5-V (G-S) MOSFET
18-Aug-03
SI9426DY VISHAY-SI9426DY Datasheet
39Kb / 4P
N-Channel 2.5-V (G-S) MOSFET
26-May-03
SI3446DV VISHAY-SI3446DV Datasheet
91Kb / 5P
N-Channel 2.5-V (G-S) MOSFET
01-Aug-05
logo
Guangdong Kexin Industr...
KI5406DC KEXIN-KI5406DC Datasheet
62Kb / 2P
N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI4466DY-T1-E3 VISHAY-SI4466DY-T1-E3 Datasheet
230Kb / 8P
N-Channel 2.5-V (G-S) MOSFET
04-May-09
SI3442BDV-T1-GE3 VISHAY-SI3442BDV-T1-GE3 Datasheet
185Kb / 9P
N-Channel 2.5-V (G-S) MOSFET
12-Oct-09
logo
Guangdong Youtai Semico...
FDN339 UMW-FDN339 Datasheet
442Kb / 5P
N-Channel 2.5 V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com