Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN361 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

FDN361 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # FDN361
Download  FDN361 Download
File Size   443.07 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description These devices are particularly suited for low voltage applications in notebook computers,

FDN361 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN361 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDN361
Download  FDN361 Click to download

File Size   443.07 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description These devices are particularly suited for low voltage applications in notebook computers,

FDN361 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


FDN361 Product details

Features
VDS (V) = 30V
RDS(ON) < 110m (VGS = 10V)
RDS(ON) < 160m (VGS = 4.5V)




Similar Part No. - FDN361

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN361 FAIRCHILD-FDN361 Datasheet
946Kb / 8P
N-Channel, Logic Level, PowerTrench課?
logo
EVER SEMICONDUCTOR CO.,...
FDN361 EVVOSEMI-FDN361 Datasheet
329Kb / 5P
MOSFET
Rev:2023A2
logo
Fairchild Semiconductor
FDN361AN FAIRCHILD-FDN361AN Datasheet
946Kb / 8P
N-Channel, Logic Level, PowerTrench課?
logo
TECH PUBLIC Electronics...
FDN361AN-TP TECHPUBLIC-FDN361AN-TP Datasheet
914Kb / 3P
N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDN361BN FAIRCHILD-FDN361BN Datasheet
103Kb / 5P
30V N-Channel, Logic Level, PowerTrench MOSFET
More results


Similar Description - FDN361

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1615 MAXIM-MAX1615 Datasheet
92Kb / 8P
High-Voltage, Low-Power Linear Regulators for Notebook Computers
19-1225; Rev 2; 1/98
MAX8718 MAXIM-MAX8718 Datasheet
185Kb / 10P
High-Voltage, Low-Power Linear Regulators for Notebook Computers
Rev 0; 11/04
MAX1615EUK MAXIM-MAX1615EUK Datasheet
108Kb / 8P
High-Voltage, Low-Power Linear Regulators for Notebook Computers
Rev 3; 9/04
logo
Lowpower Semiconductor ...
LPM3400 POWER-LPM3400 Datasheet
283Kb / 7P
These devices are particularly suitable for low voltage
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
Notebook Computers
Rev. 1.0 07-11-13
EMC1188 MICROCHIP-EMC1188 Datasheet
541Kb / 48P
Notebook Computers
Rev. 1.0 07-11-13
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
Notebook Computers
logo
TE Connectivity Ltd
V23030 TEC-V23030 Datasheet
7Mb / 4P
Low profile, therefore particularly suited for flat pack components grouping
logo
Guangdong Youtai Semico...
LESD8D3.3CAT5G UMW-LESD8D3.3CAT5G Datasheet
468Kb / 4P
These are Pb−Free Devices
LESD8D5.0CAT5G UMW-LESD8D5.0CAT5G Datasheet
379Kb / 4P
These are Pb−Free Devices
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com