Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6670 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

FDS6670 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # FDS6670
Download  FDS6670 Download
File Size   423.79 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 100V N-Channel MOSFET

FDS6670 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS6670 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDS6670
Download  FDS6670 Click to download

File Size   423.79 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 100V N-Channel MOSFET

FDS6670 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


FDS6670 Product details

Features
Shielded Gate MOSFET Technology
HBM ESD protection level > 6 kV typical (Note 4)
High performance trench technology for extremely low RDS(on)
High power and current handling capability in a widely used
surface mount package
VDS =100V
ID(at VGS=10V)4.2A
RDS(ON) (at VGS=10V) < 104mΩ
RDS(ON)(at VGS = 4.5V) < 156mΩ




Similar Part No. - FDS6670

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6670A FAIRCHILD-FDS6670A Datasheet
242Kb / 8P
Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6670A FAIRCHILD-FDS6670A Datasheet
138Kb / 5P
Single N-Channel, Logic Level, PowerTrench MOSFET
FDS6670AS FAIRCHILD-FDS6670AS Datasheet
114Kb / 7P
30V N-Channel PowerTrench SyncFET
FDS6670AS FAIRCHILD-FDS6670AS Datasheet
748Kb / 7P
30V N-Channel PowerTrench짰 SyncFET?
logo
Richtek Technology Corp...
FDS6670AS RICHTEK-FDS6670AS Datasheet
330Kb / 18P
6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
More results


Similar Description - FDS6670

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com