Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6675 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

FDS6675 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # FDS6675
Download  FDS6675 Download
File Size   358.73 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description -30V P-Channel MOSFET

FDS6675 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS6675 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDS6675
Download  FDS6675 Click to download

File Size   358.73 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description -30V P-Channel MOSFET

FDS6675 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


FDS6675 Product details

Features
(VGS = -10V)
VDS (V) =-30V
ID = -11 A
R DS(ON) < 14mΩ(VGS=10V)
RDS(ON) < 20 mΩ(VGS=4.5V)




Similar Part No. - FDS6675

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
515Kb / 5P
Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
30V P-Channel PowerTrench MOSFET
FDS6675BZ FAIRCHILD-FDS6675BZ Datasheet
360Kb / 6P
P-Channel PowerTrench MOSFET -30V, -11A, 13mOhm
FDS6675BZ FAIRCHILD-FDS6675BZ Datasheet
457Kb / 6P
P-Channel PowerTrench짰 MOSFET
More results


Similar Description - FDS6675

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com