Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6682 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

FDS6682 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # FDS6682
Download  FDS6682 Download
File Size   435.17 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V N-Channel MOSFET

FDS6682 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS6682 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDS6682
Download  FDS6682 Click to download

File Size   435.17 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V N-Channel MOSFET

FDS6682 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


FDS6682 Product details

Features
· Low gate charge (22 nC typical)
· High performance trench technology for
extremely low RDS(ON)
· High power and current handling capability
(VGS = 10V)
VDS (V) =30V
ID = 14 A
RDS(ON) < 7.5mΩ(VGS=10V)
RDS(ON) < 9 mΩ(VGS=4.5V)




Similar Part No. - FDS6682

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6682 FAIRCHILD-FDS6682 Datasheet
139Kb / 5P
30V N-Channel PowerTrench MOSFET
FDS6682 FAIRCHILD-FDS6682 Datasheet
119Kb / 5P
30V N-Channel PowerTrench MOSFET
FDS6682 FAIRCHILD-FDS6682_05 Datasheet
119Kb / 5P
30V N-Channel PowerTrench MOSFET
More results


Similar Description - FDS6682

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com