Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6685 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

FDS6685 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # FDS6685
Download  FDS6685 Download
File Size   369.31 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description -30V P-Channel MOSFET

FDS6685 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS6685 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDS6685
Download  FDS6685 Click to download

File Size   369.31 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description -30V P-Channel MOSFET

FDS6685 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


FDS6685 Product details

Features
Low gate charge (17nC typical)
Fast switching speed
High performance trench technology for extremely
low RDS(ON)
High power and current handling capability
(VGS = 10V)
VDS (V) = - 30V
ID = -8.8 A
R DS(ON) <20mΩ(VGS=10V)
RDS(ON) <35 mΩ(VGS=4.5V)




Similar Part No. - FDS6685

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
P-Channel Logic Level PowerTrenchTM MOSFET
More results


Similar Description - FDS6685

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com