Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7550 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

7550 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # 7550
Download  7550 Download
File Size   722.06 Kbytes
Page   10 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Power supply equipment such as batteries

7550 Datasheet (PDF)

Go To PDF Page Download Datasheet
7550 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # 7550
Download  7550 Click to download

File Size   722.06 Kbytes
Page   10 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Power supply equipment such as batteries

7550 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


7550 Product details

Low power consumption: ≤3μA
Low drop voltage: typical value 0.1V
Low temperature drift: typical value 50 ppm/℃
High input voltage: up to 30V
Highly accurate output voltage: tolerance +3%
Package form: TO-92, SOT89-3, SOT-23-3, SOT23-5




Similar Part No. - 7550

ManufacturerPart #DatasheetDescription
logo
Bookly Micro electronic
7550 BOOKLY-7550 Datasheet
210Kb / 6P
Low Power LDO
logo
Guangdong Youtai Semico...
7550 UMW-7550 Datasheet
1Mb / 10P
LDO high voltage regulator
logo
Heyco.
7550 HEYCO-7550 Datasheet
171Kb / 1P
Turn-2-Lock Cordset Contacts
logo
Guangdong Youtai Semico...
7550-1 UMW-7550-1 Datasheet
3Mb / 9P
LDO high voltage regulator
logo
Holtek Semiconductor In...
7550-2 HOLTEK-7550-2 Datasheet
385Kb / 18P
100mA TinyPowerTM LDO
January 11, 2019
More results


Similar Description - 7550

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
APS75-30 LAMBDA-APS75-30 Datasheet
1Mb / 2P
AS-i Power Supply
MAF1206 LAMBDA-MAF1206 Datasheet
137Kb / 2P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc
MBS1205 LAMBDA-MBS1205 Datasheet
205Kb / 3P
Equipment Designed to Meet EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc???
logo
Toshiba Semiconductor
TLP1006A TOSHIBA-TLP1006A Datasheet
403Kb / 9P
HOME ELECTRIC EQUIPMENT SUCH AS VCR,CD PLAYER
TLP1023 TOSHIBA-TLP1023 Datasheet
364Kb / 7P
OA EQUIPMENT SUCH AS COPYING MACHINE, PRINTER, FACSMILE, ETC.
TLP832 TOSHIBA-TLP832_07 Datasheet
253Kb / 10P
Electronic Equipment Such As VCRS And CD Players
TLP831 TOSHIBA-TLP831_07 Datasheet
276Kb / 8P
Home Electronics Equipment Such As VCRS And CD Players
logo
PULS GmbH
SLA8.100 PULS-SLA8.100 Datasheet
252Kb / 4P
AS-Interface Power Supply
SLA4.100 PULS-SLA4.100 Datasheet
237Kb / 4P
AS-Interface Power Supply
logo
Shenzhen Huazhimei Semi...
HM8563 HMSEMI-HM8563 Datasheet
914Kb / 22P
OA equipments such as Fax machines
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com