Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUC-060SXXXST Datasheet (PDF) - Inventronics Inc.

EUC-060SXXXST Datasheet PDF - Inventronics Inc.
Part # EUC-060SXXXST
Download  EUC-060SXXXST Download
File Size   534.92 Kbytes
Page   7 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 60W Constant Current IP67 Driver

EUC-060SXXXST Datasheet (PDF)

Go To PDF Page Download Datasheet
EUC-060SXXXST Datasheet PDF - Inventronics Inc.

Part # EUC-060SXXXST
Download  EUC-060SXXXST Click to download

File Size   534.92 Kbytes
Page   7 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 60W Constant Current IP67 Driver

EUC-060SXXXST Datasheet (HTML) - Inventronics Inc.


EUC-060SXXXST Product details

Features
High Efficiency (Up to 90%)
Active Power Factor Correction (Up to 0.99)
Constant Current Output
Input Surge Protection: 4kV line-line, 6kV line-earth
All-Round Protection: OVP, SCP, OTP
Waterproof (IP67) and UL Dry / Damp / Wet Location
Class 2 & SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location

Description
The EUC-060SxxxST series is a 60W, constant-current LED driver that operates
from 90-305 Vac input with excellent power factor. It is created for low bay, tunnel and street lights. The high efficiency of these drivers and compact metal case enables them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUC-060SXXXST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-060SXXXSV INVENTRONICS-EUC-060SXXXSV Datasheet
526Kb / 7P
60W Constant Current IP67 Driver
Rev. M
More results


Similar Description - EUC-060SXXXST

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
60W Constant Voltage Constant Current LED Driver
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
60W Constant Current LED Driver
logo
Inventronics Inc.
DS-EBV-060SXXXSV INVENTRONICS-DS-EBV-060SXXXSV Datasheet
575Kb / 10P
60W Constant Voltage IP67 Driver
Rev. C
DS-EBV-060SXXXSVF INVENTRONICS-DS-EBV-060SXXXSVF Datasheet
348Kb / 8P
60W Constant Voltage IP67 Driver
Rev. B
LUR-060SXXXST INVENTRONICS-LUR-060SXXXST Datasheet
354Kb / 8P
60W Constant Current IP54 Driver
Rev. A
EBC-060SXXXDV-000X INVENTRONICS-EBC-060SXXXDV-000X Datasheet
998Kb / 10P
60W Constant Current IP67 Driver
Rev. D
ESC-075SXXXDT INVENTRONICS-ESC-075SXXXDT Datasheet
540Kb / 8P
75W Constant Current IP67 Driver
Rev. K
ESC-150SXXXDT INVENTRONICS-ESC-150SXXXDT Datasheet
676Kb / 10P
150W Constant Current IP67 Driver
Rev. O
EUC-060SXXXSV INVENTRONICS-EUC-060SXXXSV Datasheet
526Kb / 7P
60W Constant Current IP67 Driver
Rev. M
EUC-075SXXXDV INVENTRONICS-EUC-075SXXXDV Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com