Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF3.3A Datasheet (PDF) - UN Semiconducctor INC

SMF3.3A Datasheet PDF - UN Semiconducctor INC
Part # SMF3.3A
Download  SMF3.3A Download
File Size   2536.15 Kbytes
Page   4 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 200W Surface Mount Transient Voltage Suppressors

SMF3.3A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF3.3A Datasheet PDF - UN Semiconducctor INC

Part # SMF3.3A
Download  SMF3.3A Click to download

File Size   2536.15 Kbytes
Page   4 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 200W Surface Mount Transient Voltage Suppressors

SMF3.3A Datasheet (HTML) - UN Semiconducctor INC


SMF3.3A Product details

Features
Glass passivated chip
200W peak pulse power capability with a10/1000us waveform,
repetitive rate (dutycycle):0.01%
Low leakage
Uni-directional unit
Excellent clamping capability
Very fast response time
RoHS compliant




Similar Part No. - SMF3.3A

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
SMF3.3A HUAXINAN-SMF3.3A Datasheet
430Kb / 5P
200W Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
SMF3.3A LEIDITECH-SMF3.3A Datasheet
554Kb / 3P
Glass passivated chip Very fast response time
logo
Shenzhen Luguang Electr...
SMF3.3A LUGUANG-SMF3.3A Datasheet
1Mb / 3P
Transient Voltage Suppressors
Revision:20220701-P1
logo
UN Semiconducctor INC
SMF3.3A UNSEMI-SMF3.3A Datasheet
3Mb / 7P
3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
HUAAN LIMITED
SMF3.3A HUAAN-SMF3.3A Datasheet
269Kb / 4P
200W Transient Voltage Suppressors
More results


Similar Description - SMF3.3A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMF3.3A HUAXINAN-SMF3.3A Datasheet
430Kb / 5P
200W Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMF UNSEMI-SMF Datasheet
3Mb / 7P
3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMF28A UNSEMI-SMF28A Datasheet
2Mb / 4P
200W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMF51A UNSEMI-SMF51A Datasheet
2Mb / 4P
200W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com