| Manufacturer | Part # | Datasheet | Description |
 Intersil Corporation |
ISL83384E
|
289Kb / 10P |
짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
April 2003 |
|
ISL83385E
|
94Kb / 11P |
15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 2001 |
|
ISL83386E
|
231Kb / 10P |
짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
January 2003 |
|
ICL3310
|
158Kb / 9P |
3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
July 2004 |
|
ICL3310E
|
351Kb / 10P |
/- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
July 2004 |
|
ISL83385E
|
275Kb / 11P |
짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005 |
|
ISL83220E
|
194Kb / 10P |
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006 |
|
ISL83386E
|
271Kb / 10P |
짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
November 19, 2004 |
 Renesas Technology Corp |
ISL83384E
|
542Kb / 9P |
±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
March 15, 2005 |
|
ISL83385E
|
604Kb / 11P |
±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005 |