Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI2-0200/883 Datasheet (PDF) - Intersil Corporation

HI2-0200/883 Datasheet PDF - Intersil Corporation
Part # HI2-0200/883
Download  HI2-0200/883 Download
File Size   326.08 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual SPST CMOS Analog Switch

HI2-0200/883 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI2-0200/883 Datasheet PDF - Intersil Corporation

Part # HI2-0200/883
Download  HI2-0200/883 Click to download

File Size   326.08 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual SPST CMOS Analog Switch

HI2-0200/883 Datasheet (HTML) - Intersil Corporation


HI2-0200/883 Product details

Dual SPST CMOS Analog Switch

The HI-200/883 is a monolithic device comprising two independently selectable SPST switchers which feature fast switching speeds (240ns typical) combined with low power dissipation (15mW typical @ +25°C)

Features
• This Circuit is Processed in Accordance to MIL-STD-883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1.
• Low “On” Release . . . . . . . . . . . . . . . . . . . . . . .100Ω Max
• Wide Analog Signal Range . . . . . . . . . . . . . . . . . . . .±15V
• TTL/CMOS Compatible . . . . . . . . . . . . . . 2.4V (Logic “1”)
• Turn-On Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns
• Analog Current Range (Continuous) . . . . . . . . . . . . 25mA
• No Latch-Up
• Replaces DG200

Applications
• High Frequency Analog Switching
• Sample and Hold Circuits
• Digital Filters
• Op Amp Gain Switching Networks




Similar Part No. - HI2-0200/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2-0200-5 INTERSIL-HI2-0200-5 Datasheet
383Kb / 10P
Dual/Quad SPST, CMOS Analog Switches
October 1999
More results


Similar Description - HI2-0200/883

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG200A TEMIC-DG200A Datasheet
74Kb / 5P
Monolithic Dual SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
DG200A MAXIM-DG200A Datasheet
179Kb / 6P
Dual Monolithic SPST CMOS Analog Switch
19-0484; Rev 1; 5/96
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
Quad SPST CMOS Analog Switch
logo
Vishay Siliconix
DG200A VISHAY-DG200A Datasheet
43Kb / 5P
Monolithic Dual SPST CMOS Analog Switch
05-Oct-00
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
logo
Vishay Siliconix
DG200B VISHAY-DG200B Datasheet
103Kb / 6P
Monolithic Dual SPST CMOS Analog Switch
11-Jun-07
DG200AMIL VISHAY-DG200AMIL Datasheet
56Kb / 6P
Monolithic Dual SPST CMOS Analog Switch
05-Oct-00
logo
Maxim Integrated Produc...
DG200 MAXIM-DG200 Datasheet
25Kb / 4P
Dual, SPST, CMOS, TTL-Compatible Analog Switch
19-0053 Rev. B
logo
Vishay Siliconix
DG200A_MIL VISHAY-DG200A_MIL Datasheet
59Kb / 6P
Monolithic Dual SPST CMOS Analog Switch
05-Oct-00
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com