Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1701013 Datasheet (PDF) - PHOENIX CONTACT

1701013 Datasheet PDF - PHOENIX CONTACT
Part # 1701013
Download  1701013 Download
File Size   470.43 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSN 1,5/17 - PCB terminal block

1701013 Datasheet (PDF)

Go To PDF Page Download Datasheet
1701013 Datasheet PDF - PHOENIX CONTACT

Part # 1701013
Download  1701013 Click to download

File Size   470.43 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSN 1,5/17 - PCB terminal block

1701013 Datasheet (HTML) - PHOENIX CONTACT


1701013 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 400 V, nominal cross section:
1.5 mm2, number of potentials: 17, number of rows: 1, number of positions per row: 17, product
range: MKDSN 1,5, pitch: 5 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °,
color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Extremely small design for the respective conductor cross section
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1701013

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1701010150 AAEON-1701010150 Datasheet
259Kb / 2P
CRT, 18-bit Single Channel LVDS LCD
1701010150 AAEON-1701010150 Datasheet
266Kb / 2P
CRT, 18-bit Single Channel LVDS LCD
1701010150 AAEON-1701010150 Datasheet
259Kb / 2P
204-pin DDR3 800/1066 MHz SODIMM x 1, Up to 2 GB
1701010150 AAEON-1701010150 Datasheet
266Kb / 2P
Intel Atom N2600 Dual Core 1.6 GHz Processor
logo
PHOENIX CONTACT
1701016 PHOENIX-1701016 Datasheet
65Kb / 4P
Plug-in connector - CIOC 4-24-1,2-M
23.04.2013
More results


Similar Description - 1701013

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701351 PHOENIX-1701351 Datasheet
49Kb / 4P
PCB terminal block - MKDSN 1,5/ 4 OG
1706753 PHOENIX-1706753 Datasheet
154Kb / 8P
PCB terminal block - MKDSN 1,5/15-5,08
1729102 PHOENIX-1729102 Datasheet
150Kb / 8P
PCB terminal block - MKDSN 1,5/11
1729445 PHOENIX-1729445 Datasheet
65Kb / 5P
PCB terminal block - MKDSN 1,5/ 4 BK
1732678 PHOENIX-1732678 Datasheet
47Kb / 4P
PCB terminal block - MKDSN 1,5/ 6 BK
1761302 PHOENIX-1761302 Datasheet
58Kb / 5P
PCB terminal block - MKDSN 1,5/ 2 GY
1800090 PHOENIX-1800090 Datasheet
65Kb / 5P
PCB terminal block - MKDSN 1,5/ 5-5,08 BK
1907814 PHOENIX-1907814 Datasheet
128Kb / 6P
PCB terminal block - MKDSN 1,5/ 4-5,08 BK
1985852 PHOENIX-1985852 Datasheet
142Kb / 7P
PCB terminal block - MKDSN 1,5/ 3 HT BK
1729267 PHOENIX-1729267 Datasheet
364Kb / 10P
PCB terminal block - MKDSN 1,5/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com